Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71334DRCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71334DRCR
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71334DRCR Datasheet(HTML) 4 Page - Texas Instruments

  TPS71334DRCR Datasheet HTML 1Page - Texas Instruments TPS71334DRCR Datasheet HTML 2Page - Texas Instruments TPS71334DRCR Datasheet HTML 3Page - Texas Instruments TPS71334DRCR Datasheet HTML 4Page - Texas Instruments TPS71334DRCR Datasheet HTML 5Page - Texas Instruments TPS71334DRCR Datasheet HTML 6Page - Texas Instruments TPS71334DRCR Datasheet HTML 7Page - Texas Instruments TPS71334DRCR Datasheet HTML 8Page - Texas Instruments TPS71334DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
Current
Limit
Thermal
Shutdown
V
REF
1.225 V
UVLO
30
µA
90 k
EN1
OUT1
IN
Current
Limit
OUT2
NR
EN2
250 k
Quickstart
5 pF
TPS713xx
Fixed/Fixed
FB2
RESET
0.95
× V
REF
100 ms
Delay
(V
FB2 Rising)
TPS71319
TPS71334
SBVS055A – DECEMBER 2004 – REVISED JANUARY 2005
FUNCTIONAL BLOCK DIAGRAM
Table 1. TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
DRC
IN
1
Unregulated input supply. A 0.1 µF capacitor should be connected from IN to GND.
GND
5, Pad
Ground
Output of the regulator. A small 2.2 µF ceramic capacitor is required from this pin to ground to assure
OUT1
3
stability.
OUT2
4
Same as OUT1 but for LDO2.
Driving the enable pin (EN) high turns on LDO1. Driving this pin low puts LDO1 into shutdown mode,
EN1
10
reducing operating current. The enable pin should be connected to IN if not used.
EN2
8
Same as EN1 but controls LDO2.
NC
9
No connection.
FB2/NC
7
Feedback for CH2 adjustable version; no connection for non-adjustable CH2.
NR
6
Noise reduction pin; connect an external bypass capacitor to reduce LDO output noise.
Open-drain reset output; monitors OUT2. A 10 k
Ω to 1 MΩ pull-up resistor is suitable for most
RESET
2
applications. The open-drain RESET pull-up voltage should not exceed VDD + 0.3 V.
4


Similar Part No. - TPS71334DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71334DRCR TI-TPS71334DRCR Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71334DRCR TI1-TPS71334DRCR Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71334DRCRG4 TI-TPS71334DRCRG4 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results

Similar Description - TPS71334DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com