Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG5842JADZ Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SG5842JADZ
Description  Highly Integrated Green-Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG5842JADZ Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button SG5842JADZ Datasheet HTML 3Page - Fairchild Semiconductor SG5842JADZ Datasheet HTML 4Page - Fairchild Semiconductor SG5842JADZ Datasheet HTML 5Page - Fairchild Semiconductor SG5842JADZ Datasheet HTML 6Page - Fairchild Semiconductor SG5842JADZ Datasheet HTML 7Page - Fairchild Semiconductor SG5842JADZ Datasheet HTML 8Page - Fairchild Semiconductor SG5842JADZ Datasheet HTML 9Page - Fairchild Semiconductor SG5842JADZ Datasheet HTML 10Page - Fairchild Semiconductor SG5842JADZ Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Product Specification
Highly Integrated Green-Mode PWM Controller
SG5842A/JA
© System General Corp.
- 7 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.4.2 (IAO33.0026.B6)
October 30, 2007
TYPICAL CHARACTERISTICS
Start-up Current (IDD-ST) vs Temperature
10
14
18
22
26
30
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
Operating Supply Current (IDD-OP) vs
Temperature
2.5
3.0
3.5
4.0
4.5
5.0
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
Operation Current (IDD-OP) vs VDD Voltage
0
3
6
9
12
15
12
13
14
15
16
17
18
19
20
21
22
23
24
VDD Voltage (V)
Start Threshold Voltage (VDD-ON) vs
Temperature
15.5
16.0
16.5
17.0
17.5
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
Min. Operating Voltage (VDD-OFF) vs Temperature
9.5
10.0
10.5
11.0
11.5
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
PWM Frequency (Fosc) vs Temperature
62
63
64
65
66
67
68
-40
-25
-10
5
2035
5065
8095
110 125
Temperature (℃)
GATE = 1000pF
GATE = OPEN


Similar Part No. - SG5842JADZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG5842JADZ FAIRCHILD-SG5842JADZ Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG5842JADZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com