Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC221-30 Datasheet(PDF) 1 Page - Texas Instruments

Part # TC221-30
Description  SMALL-FORMAT CCD IMAGE SENSORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC221-30 Datasheet(HTML) 1 Page - Texas Instruments

  TC221-30 Datasheet HTML 1Page - Texas Instruments TC221-30 Datasheet HTML 2Page - Texas Instruments TC221-30 Datasheet HTML 3Page - Texas Instruments TC221-30 Datasheet HTML 4Page - Texas Instruments TC221-30 Datasheet HTML 5Page - Texas Instruments TC221-30 Datasheet HTML 6Page - Texas Instruments TC221-30 Datasheet HTML 7Page - Texas Instruments TC221-30 Datasheet HTML 8Page - Texas Instruments TC221-30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TC221, TC225, TC227
SMALL-FORMAT CCD IMAGE SENSORS
SOCS037C – DECEMBER 1991 – REVISED AUGUST 1997
Copyright
© 1997, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Full-Frame Operation
– 190 (H)
× 190 (V) Active Elements for TC221
– 285 (H)
× 285 (V) Active Elements for TC225
– 102 (H)
× 102 (V) Active Elements for TC227
Dark-Reference Pixels
9-µm Square Pixels
Single-Phase Clocking
Low Dark Current
Dynamic Range... More Than 60 dB
High Photoresponse Uniformity
High Sensitivity
Low-Noise Operation
Solid State Reliability With No Residual
Imaging, Image Burn-In, Microphonics, or
Image Distortion
description
The TC221, TC225 and TC227 are full-frame
charge-coupled device (CCD) image sensors
designed specifically for medical and industrial
applications where ruggedness and small size are
required. The image-area diagonal measures
1.3 mm for the TC227, 2.4 mm for the TC221, and
3.63 mm for the TC225. The image sensors
contain, in addition to dark reference pixels, 190,
285, and 102 active lines with 190, 285, and 102
active
pixels
per
line,
respectively.
The
antiblooming feature is activated by supplying
clock pulses to the antiblooming gate, an integral
part of each image-sensing element. The charge
is converted to signal voltage at 9.5
µV per
electron by a high-performance structure with
built-in automatic reset and a voltage-reference
generator. The signal is further buffered by a
low-noise two-stage source-follower amplifier to
provide high output-drive capability.
The TC221 and TC227 are supplied in 6-pin molded plastic packages; the TC225 is supplied in a 10-pin molded
plastic package. The glass window can be cleaned using any standard method for cleaning optical assemblies
or by wiping the surface with a cotton swab soaked in alcohol.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to SUB. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUTn to ADB during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
TC225
TC221
TC227
10
9
8
7
6
1
2
3
4
5
1
2
3
6
5
4
SUB
OUT
ADB
SRG
ABG
IAG
TRG
SRG1
SRG2
ABG
IAG
SUB
OUT1
OUT2
ADB
NC
SRG
ABG
IAG
SUB
OUT
ADB
1
2
3
6
5
4
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TC221-30

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2211 TRANSCOM-TC2211 Datasheet
158Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
Productwell Precision E...
TC2212D-220M PRODUCTWELL-TC2212D-220M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC221-30

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11850-1106 HAMAMATSU-S11850-1106_15 Datasheet
408Kb / 10P
   CCD image sensors
S11071-1004 HAMAMATSU-S11071-1004_15 Datasheet
258Kb / 10P
   CCD image sensors
S7033-0907 HAMAMATSU-S7033-0907_15 Datasheet
376Kb / 12P
   CCD area image sensors
S10814 HAMAMATSU-S10814_15 Datasheet
462Kb / 10P
   CCD area image sensors
S8980_S10810 HAMAMATSU-S8980_S10810_15 Datasheet
506Kb / 10P
   CCD area image sensors
S11155-2048-01 HAMAMATSU-S11155-2048-01_15 Datasheet
424Kb / 8P
   CCD linear image sensors
S10200-02-01 HAMAMATSU-S10200-02-01_15 Datasheet
855Kb / 14P
   TDI-CCD image sensors
S7170-0909 HAMAMATSU-S7170-0909_15 Datasheet
343Kb / 12P
   CCD area image sensors
S11510 HAMAMATSU-S11510_15 Datasheet
665Kb / 7P
   IR-enhanced CCD image sensors
logo
Sanyo Semicon Device
LC89902V SANYO-LC89902V Datasheet
57Kb / 5P
   CMOS Driver for VGA-Format Image Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com