Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7302AEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7302AEE
Description  SMBus/I2C Interfaced 9-Port, Level-Translating GPIO and LED Driver with CLA
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7302AEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7302AEE Datasheet HTML 1Page - Maxim Integrated Products MAX7302AEE Datasheet HTML 2Page - Maxim Integrated Products MAX7302AEE Datasheet HTML 3Page - Maxim Integrated Products MAX7302AEE Datasheet HTML 4Page - Maxim Integrated Products MAX7302AEE Datasheet HTML 5Page - Maxim Integrated Products MAX7302AEE Datasheet HTML 6Page - Maxim Integrated Products MAX7302AEE Datasheet HTML 7Page - Maxim Integrated Products MAX7302AEE Datasheet HTML 8Page - Maxim Integrated Products MAX7302AEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
SMBus/I2C Interfaced 9-Port,
Level-Translating GPIO and LED Driver with CLA
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = 3.3V, VLA = 3.3V and TA = +25°C, unless otherwise noted.)
STANDBY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
-50
125
INTERFACE IDLE
INTERNAL OSCILLATOR
DISABLED
VDD = 3.6V
VDD = 1.62V
VDD = 3.3V
STANDBY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
4
8
12
16
20
0
-50
125
INTERFACE IDLE
INTERNAL OSCILLATOR
RUNNING
VDD = 3.6V
VDD = 1.62V
VDD = 3.3V
STANDBY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
10
20
30
40
50
60
70
80
90
100
0
-50
125
INTERFACE RUNNING
VDD = 3.6V
VDD = 1.62V
VDD = 3.3V
VOL vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
0.06
0.12
0.18
0.24
0.30
0
-50
125
LOAD CURRENT = 20mA
VDD = 3.3V
VOL vs. ISINK
ISINK (mA)
30
25
20
15
10
5
0.1
0.2
0.3
0.4
0
035
VDD = 3.3V
VDD = 1.62V
VOH vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
0.6
1.2
1.8
2.4
3.0
3.6
0
-50
125
LOAD CURRENT = 10mA
VDD = 3.6V
VDD = 3.3V
VOH vs. ISOURCE
ISOURCE (mA)
10
8
2
4
6
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
012
VLA = 3.6V
VLA = 1.62V
VLA = 3.3V
INTERNAL OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
35
40
45
30
-50
125
VDD = 3.3V
VDD = 3.6V
VDD = 1.62V


Similar Part No. - MAX7302AEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7302AEE++ MAXIM-MAX7302AEE+ Datasheet
318Kb / 30P
   SMBus/I2C Interfaced 9-Port, Level-Translating GPIO and LED Driver with CLA
Rev 1; 12/07
More results

Similar Description - MAX7302AEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7302_0712 MAXIM-MAX7302_0712 Datasheet
318Kb / 30P
   SMBus/I2C Interfaced 9-Port, Level-Translating GPIO and LED Driver with CLA
Rev 1; 12/07
MAX7304 MAXIM-MAX7304_12 Datasheet
1Mb / 28P
   I2C-Interfaced 16-Port,Level-Translating GPIO and LED Driver
Rev 1; 3/12
MAX7304 MAXIM-MAX7304 Datasheet
1Mb / 28P
   I2C-Interfaced 16-Port, Level-Translating GPIO and LED Driver with High Level of Integrated
Rev 0; 6/11
MAX7306 MAXIM-MAX7306 Datasheet
314Kb / 25P
   SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 0; 6/07
MAX7306 MAXIM-MAX7306_10 Datasheet
308Kb / 23P
   SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 1; 8/10
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com