Part Name
         Description
NTE703A

 Linear Integrated Circuit RF−IF Amplifier ( 2 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Pin Connection Diagram
(Top View)
8
7
6
5
4
2
1
Decoupling
N.C.
Input High
GND/Case
Input Low
N.C.
Out
V (+)
3
.370 (9.39) Dia Max
.335 (8.52) Dia Max
.018 (0.45) Dia Typ
.032 (0.82)
45
°
.177 (4.5)
Max
.492
(12.5)
Min
.200 (5.06)
Dia
1
2
3
4
5
6
7
8



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD12115MOS INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
UTCUA8868LINEAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreUnisonic Technologies
NTE7040Integrated Circuit Audio Power Amplifier 20W 1 2 3 NTE Electronics
KR15S018MBIPOLAR LINEAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreKEC(Korea Electronics)
NTE7055Integrated Circuit Dual Audio Power Amplifier 2W 1 2 3 NTE Electronics
KR32S018M-FBIPOLAR LINEAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreKEC(Korea Electronics)
NTE7114Integrated Circuit Audio Power Amplifier Quad 11W 2 x 22W 1 2 3 4 NTE Electronics
KR52S018MBIPOLAR LINEAR INTEGRATED CIRCUIT 1 2 3 4 5 KEC(Korea Electronics)
UPG173TA_00GaAs INTEGRATED CIRCUIT L-BAND PA DRIVER AMPLIFIER 1 2 NEC
TA8129ZBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl