Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3638SPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IR3638SPBF
Description  HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3638SPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3638SPBF Datasheet HTML 4Page - International Rectifier IR3638SPBF Datasheet HTML 5Page - International Rectifier IR3638SPBF Datasheet HTML 6Page - International Rectifier IR3638SPBF Datasheet HTML 7Page - International Rectifier IR3638SPBF Datasheet HTML 8Page - International Rectifier IR3638SPBF Datasheet HTML 9Page - International Rectifier IR3638SPBF Datasheet HTML 10Page - International Rectifier IR3638SPBF Datasheet HTML 11Page - International Rectifier IR3638SPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
IR3638SPbF
3/19/07
Soft-Start
The IR3638 has programmable soft-start to
control the output voltage rise and limit the inrush
current during start-up.
To
ensure
correct
start-up,
the
soft-start
sequence initiates when Vcc and Enable rise
above their threshold and generate the Power On
Ready (POR) signal. The soft-start function
operates by sourcing current to charge an
external capacitor to about 3V.
Initially, the soft-start function clamps the output
of error amplifier by injecting a current (64uA)
into the Fb pin and generates a voltage about
1.6V (64ux25K) across the negative input of error
amplifier (see figure 6).
The magnitude of the injected current is inversely
proportional to the voltage at the soft-start pin. As
the soft-start voltage ramps up, the injected
current decreases linearly and so does the
voltage at negative input of error amplifier.
When the soft-start capacitor is around 1V, the
voltage at the negative input of the error amplifier
is approximately 0.8V (32uAx25K).
As soon as the Fb reaches the Vp voltage, the
output of error amplifier will start increasing and
generating the first PWM signal. As the soft-start
capacitor voltage continues to ramp up, the
current
flowing
into
the
Fb
pin
will keep
decreasing.
The feedback voltage increases linearly as the
soft start voltage ramps up. When soft-start
voltage is around 2V the output voltage is
reached the steady state and the injected current
is zero.
Figure
7
shows
the
theoretical
operational
waveforms during soft-start.
The output voltage start-up time is the time
period
when
soft-start
capacitor
voltage
increases from 1V to 2V.
The start-up time will be dependent on the size of
the external soft-start capacitor and can be
estimate by:
Fig. 6: Soft-Start circuit for IR3638
Fig. 7: Theoretical operation waveforms
during soft-start
22uA
64uA
POR
Error Amp
SS/SD
Fb
Comp
25K
Vp
25K
3V
Soft-Start
Voltage
Voltage at negative input
of Error Amp
Voltage at Fb pin
Current flowing
into Fb pin
64uA
0uA
0V
Vp=0.8V
1.6V
0.8V
0V
3V
2V
1V
Output of UVLO
POR
8
For a given start-up time, the soft-start capacitor
(nF) can be estimated as:
V
1
V
2
C
T
μA
22
ss
start
=
)
1
--(
ms
T
A
22
C
start
SS
)
(
*
μ


Similar Part No. - IR3638SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3638SPBF IRF-IR3638SPBF Datasheet
301Kb / 15P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
More results

Similar Description - IR3638SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3638STRPBF IRF-IR3638STRPBF Datasheet
301Kb / 15P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
ON Semiconductor
NCP1581 ONSEMI-NCP1581 Datasheet
325Kb / 14P
   High Frequency Synchronous Step Down PWM Controller for Tracking Applications
January, 2010 ??Rev. 0
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com