Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1528-BTDR Datasheet(PDF) 3 Page - ams AG

Part # AS1528-BTDR
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1528-BTDR Datasheet(HTML) 3 Page - ams AG

  AS1528-BTDR Datasheet HTML 1Page - ams AG AS1528-BTDR Datasheet HTML 2Page - ams AG AS1528-BTDR Datasheet HTML 3Page - ams AG AS1528-BTDR Datasheet HTML 4Page - ams AG AS1528-BTDR Datasheet HTML 5Page - ams AG AS1528-BTDR Datasheet HTML 6Page - ams AG AS1528-BTDR Datasheet HTML 7Page - ams AG AS1528-BTDR Datasheet HTML 8Page - ams AG AS1528-BTDR Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.austriamicrosystems.com
Revision 1.00
3 - 21
AS1528/AS1529
Data Sheet - P i n o u t
4 Pinout
Pin Assignment
Figure 2. Pin Assignments (Top View)
Pin Description
Table 2. Pin Description
Pin Number
Pin Name
Description
1VDD
Positive Supply Voltage. +2.7 to +5.25V.
Note: Bypass with a 0.1µF capacitor to GND.
2AIN1/AIN+
Analog Input Channel 1 (AS1529) or Positive Analog Input (AS1528)
3AIN2/AIN-
Analog Input Channel 2 (AS1529) or Negative Analog Input (AS1528)
4GND
Ground
5REF
External Reference Voltage Input. Sets the analog voltage range.
Note: Bypass with a 4.7µF capacitor to GND.
6
CNVST
Conversion Start. A rising edge powers up the device and puts the track/
hold circuitry in track mode. At the falling edge of this pin, the device enters
hold mode and begins a conversion.
Note: This pin also selects the input channel (AS1529) or input polarity
(AS1528).
7DOUT
Serial Data Output. This pin transitions the falling edge of SCLK and goes
low at the start of a conversion and delivers the MSB at the completion of a
conversion.
Note: This pin goes high impedance once data has been fully clocked out.
8SCLK
Serial Clock Input. Clocks out data at DOUT with the MSB first.
AS1528/
AS1529
4
GND
3
AIN2/AIN-
2
AIN1/AIN+
1
VDD
5 REF
7DOUT
8 SCLK
6CNVST


Similar Part No. - AS1528-BTDR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1528-BTDR AMSCO-AS1528-BTDR Datasheet
621Kb / 21P
   Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
More results

Similar Description - AS1528-BTDR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1528 AMSCO-AS1528_1 Datasheet
621Kb / 21P
   Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1524 AMSCO-AS1524 Datasheet
68Kb / 2P
   Micro-Power, 12-Bit, 150ksps, ADC, Single Ended or Differential
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Texas Instruments
ADC141S628-Q1 TI1-ADC141S628-Q1 Datasheet
992Kb / 29P
[Old version datasheet]   14-Bit, 200-kSPS, Pseudo-Differential, Micro-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com