Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1528 Datasheet(PDF) 10 Page - ams AG

Part # AS1528
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1528 Datasheet(HTML) 10 Page - ams AG

Back Button AS1528 Datasheet HTML 6Page - ams AG AS1528 Datasheet HTML 7Page - ams AG AS1528 Datasheet HTML 8Page - ams AG AS1528 Datasheet HTML 9Page - ams AG AS1528 Datasheet HTML 10Page - ams AG AS1528 Datasheet HTML 11Page - ams AG AS1528 Datasheet HTML 12Page - ams AG AS1528 Datasheet HTML 13Page - ams AG AS1528 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.austriamicrosystems.com
Revision 1.00
10 - 21
AS1528/AS1529
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1528/AS1529 employ a successive approximation conversion (SAR) technique and integrated track/hold cir-
cuitry to convert analog signals into 10-bit digital output. The serial interface provides easy interfacing to microproces-
sors. Figure 17 shows the simplified internal structure for the AS1529 (2-channels, single ended) and the AS1528
(1-channel, true differential).
True Differential Analog Input Track/Hold
The equivalent circuit of Figure 17 shows the device input architecture which is composed of track/hold circuitry, input
multiplexer, comparator, and switched-capacitor DAC. The track/hold circuitry enters its tracking mode on the rising
edge of CNVST. The positive input capacitor is connected to AIN1 or AIN2 (AS1529) or AIN+ (AS1528). The negative
input capacitor is connected to GND (AS1529) or AIN- (AS1528).
Figure 17. Equivalent Input Circuit
The track/hold circuitry enters its hold mode on the falling edge of CNVST and the difference between the sampled
positive and negative input voltages is converted. The time required for the track/hold to acquire an input signal is
determined by how quickly its input capacitance is charged. If the input signal’s source impedance is high, the acquisi-
tion time lengthens, and CNVST must be held high for a longer period of time. The acquisition time (tACQ) is the maxi-
mum time needed for the signal to be acquired, plus the power-up time. tACQ is calculated by:
tACQ = 9 x (RS + RIN) x 20pF + tPWR
(EQ 1)
Where:
RS is the source impedance of the input signal;
RIN = 1.5k
Ω;
tPWR of 1µs is the power-up time of the device.
Note: tACQ is never less than 1.4µs and any source impedance below 300. does not significantly affect the AS1528/
AS1529 AC performance. A high-impedance source can be accommodated either by lengthening tACQ or by
placing a 1µF capacitor between the positive and negative analog inputs.
Selecting AIN1 or AIN2 (AS1529)
Select one of the AS1529 two positive input channels using the CNVST pin (see page 3). If AIN1 is selected (see Fig-
ure 18), drive CNVST high to power up the AS1529 and place the track/hold circuitry in track mode with AIN1 con-
nected to the positive input capacitor. Hold CNVST high for tACQ to fully acquire the signal. Drive CNVST low to place
the track/hold circuitry in hold mode. The AS1529 then performs a conversion and shutdown automatically. The MSB is
available at DOUT after 3.7µs. Data can then be clocked out using SCLK. Clock out all 12 bits of data before driving
CNVST high for the next conversion. If all 12 bits of data are not clocked out before CNVST is driven high, AIN2 is
selected for the next conversion.
+
Comparator
Hold
Hold
10-Bit Capacitive DAC
Track
AIN2
AIN1/AIN+
VDD/2
RIN-
CIN+
REF
GND
GND/AIN-
CIN-
Hold
RIN+


Similar Part No. - AS1528

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1528 AMSCO-AS1528 Datasheet
621Kb / 21P
   Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1528-BTDR AMSCO-AS1528-BTDR Datasheet
621Kb / 21P
   Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1528-BTDT AMSCO-AS1528-BTDT Datasheet
621Kb / 21P
   Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1528 AMSCO-AS1528_1 Datasheet
621Kb / 21P
   Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
More results

Similar Description - AS1528

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1528 AMSCO-AS1528_1 Datasheet
621Kb / 21P
   Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1524 AMSCO-AS1524 Datasheet
68Kb / 2P
   Micro-Power, 12-Bit, 150ksps, ADC, Single Ended or Differential
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Texas Instruments
ADC141S628-Q1 TI1-ADC141S628-Q1 Datasheet
992Kb / 29P
[Old version datasheet]   14-Bit, 200-kSPS, Pseudo-Differential, Micro-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com