Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8646ETG+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8646ETG+
Description  6A, 2MHz Step-Down Regulator with Integrated Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8646ETG+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8646ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX8646ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX8646ETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX8646ETG+ Datasheet HTML 10Page - Maxim Integrated Products MAX8646ETG+ Datasheet HTML 11Page - Maxim Integrated Products MAX8646ETG+ Datasheet HTML 12Page - Maxim Integrated Products MAX8646ETG+ Datasheet HTML 13Page - Maxim Integrated Products MAX8646ETG+ Datasheet HTML 14Page - Maxim Integrated Products MAX8646ETG+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
6A, 2MHz Step-Down Regulator
with Integrated Switches
______________________________________________________________________________________
11
Shutdown Mode
Drive EN to GND to shut down the IC and reduce quies-
cent current to less than 12µA. During shutdown, the LX
is high impedance. Drive EN high to enable the
MAX8646.
Thermal Protection
Thermal-overload protection limits total power dissipation
in the device. When the junction temperature exceeds TJ
= +165°C, a thermal sensor forces the device into shut-
down, allowing the die to cool. The thermal sensor turns
the device on again after the junction temperature cools
by 20°C, causing a pulsed output during continuous
overload conditions. The soft-start sequence begins after
recovery from a thermal-shutdown condition.
Applications Information
IN and VDD Decoupling
To decrease the noise effects due to the high switching
frequency and maximize the output accuracy of
the MAX8646, decouple VIN with a 22µF capacitor from
VIN to PGND. Also decouple VDD with a 1µF from VDD
to GND. Place these capacitors as close to the IC
as possible.
Inductor Selection
Choose an inductor with the following equation:
where LIR is the ratio of the inductor ripple current to full
load current at the minimum duty cycle. Choose LIR
between 20% to 40% for best performance and stability.
Use an inductor with the lowest possible DC resistance
that fits in the allotted dimensions. Powdered iron ferrite
core types are often the best choice for performance.
With any core material, the core must be large enough
not to saturate at the current limit of the MAX8646.
Output-Capacitor Selection
The key selection parameters for the output capacitor are
capacitance, ESR, ESL, and voltage-rating requirements.
These affect the overall stability, output ripple voltage,
and transient response of the DC-DC converter. The out-
put ripple occurs due to variations in the charge stored
in the output capacitor, the voltage drop due to the
capacitor’s ESR, and the voltage drop due to the
capacitor’s ESL. Calculate the output voltage ripple
due to the output capacitance, ESR, and ESL:
where the output ripple due to output capacitance,
ESR, and ESL is:
or:
or whichever is larger.
The peak inductor current (IP-P) is:
Use these equations for initial capacitor selection.
Determine final values by testing a prototype or an
evaluation circuit. A smaller ripple current results in less
output-voltage ripple. Since the inductor ripple current
is a factor of the inductor value, the output voltage rip-
ple decreases with larger inductance. Use ceramic
capacitors for low ESR and low ESL at the switching
frequency of the converter. The ripple voltage due to
ESL is negligible when using ceramic capacitors.
Load-transient response depends on the selected out-
put capacitance. During a load transient, the output
instantly changes by ESR x ∆ILOAD. Before the con-
troller can respond, the output deviates further,
depending on the inductor and output capacitor val-
ues. After a short time, the controller responds by regu-
lating the output voltage back to its predetermined
I
VV
fL
x
V
V
PP
IN
OUT
S
OUT
IN
=
×
V
I
t
x ESL
RIPPLE ESL
PP
OFF
() =
V
I
t
x ESL
RIPPLE ESL
PP
ON
() =
V
I
x ESR
RIPPLE ESR
P P
() =
V
I
xC
xf
RIPPLE C
PP
OUT
S
() =
8
VV
VV
RIPPLE
RIPPLE C
RIPPLE ESR
RIPPLE ESL
=+
+
()
()
(
)
L
VV
V
f
V
LIR I
OUT
IN
OUT
S
IN
OUT MAX
=
×
××
×
()
()
CTL1
CTL2
VOUT (V)
GND
GND
0.6
VDD
VDD
0.7
GND
Unconnected
0.8
GND
VDD
1.0
Unconnected
GND
1.2
Unconnected
Unconnected
1.5
Unconnected
VDD
1.8
VDD
GND
2.0
VDD
Unconnected
2.5
Table 1. CTL1 and CTL2 Output Voltage
Selection


Similar Part No. - MAX8646ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
MAX8640Y MAXIM-MAX8640Y Datasheet
310Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640Y MAXIM-MAX8640Y Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
MAX8640Y MAXIM-MAX8640Y Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
More results

Similar Description - MAX8646ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com