Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1323-30 Datasheet(PDF) 8 Page - ams AG

Part # AS1323-30
Description  1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323-30 Datasheet(HTML) 8 Page - ams AG

Back Button AS1323-30 Datasheet HTML 4Page - ams AG AS1323-30 Datasheet HTML 5Page - ams AG AS1323-30 Datasheet HTML 6Page - ams AG AS1323-30 Datasheet HTML 7Page - ams AG AS1323-30 Datasheet HTML 8Page - ams AG AS1323-30 Datasheet HTML 9Page - ams AG AS1323-30 Datasheet HTML 10Page - ams AG AS1323-30 Datasheet HTML 11Page - ams AG AS1323-30 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
8 - 13
AS1323
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Figure 12. Typical Application
Inductor Selection
The control scheme of the AS1323 allows for a wide range if inductor values. A 10µH inductor should be sufficient for
most applications (see Figure 12).
Smaller inductance values typically offer smaller physical size for a given series resistance, allowing the smallest over-
all circuit dimensions. Applications using larger inductance values may startup at lower battery voltages, provide higher
efficiency and exhibit less ripple, but they may reduce the maximum output current. This occurs when the inductance is
sufficiently large to prevent the maximum current limit (ILIMIT) from being reached before the maximum on-time (tON)
expires (see Electrical Characteristics on page 4).
For maximum output current, the inductor value should be chosen such that the controller reaches the current-limit
before the maximum on-time is triggered:
tONMAX is 6µs (typ).
ILIMIT is 400mA (typ).
For larger inductor values, the peak inductor current (IPEAK) can be determined by:
The inductor’s incremental saturation current rating should be greater than the peak switching current. However, it is
generally advisable to bias the inductor into saturation by as much as 20%, although this will slightly reduce efficiency.
Maximum Output Current
The maximum output current (IOUTMAX) is a function of IPEAK, VIN, VOUT, and the overall efficiency (
η) as indicated in
the formula for determining IOUTMAX:
AS1323
3
SHDNN
1
VBATT
4
VOUT
5
LX
10µF
2
VSS
10µF
10µH
L
VBATT tON
ILIMIT
--------------------------------
>
(EQ 1)
IPEAK
VBATT tON
L
--------------------------------
=
(EQ 2)
IOUTMAX
1
2
--- IPEAK
VBATT
VOUT
-----------------
⎝⎠
⎛⎞ η
⋅⋅
=
(EQ 3)


Similar Part No. - AS1323-30

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323-30 AMSCO-AS1323-30 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
More results

Similar Description - AS1323-30

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
   1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
   Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com