Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41TTHSMQ6F Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41TTHSMQ6F
Description  Serial real-time clock with 44 bytes NVRAM and reset
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TTHSMQ6F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41TTHSMQ6F Datasheet HTML 7Page - STMicroelectronics M41TTHSMQ6F Datasheet HTML 8Page - STMicroelectronics M41TTHSMQ6F Datasheet HTML 9Page - STMicroelectronics M41TTHSMQ6F Datasheet HTML 10Page - STMicroelectronics M41TTHSMQ6F Datasheet HTML 11Page - STMicroelectronics M41TTHSMQ6F Datasheet HTML 12Page - STMicroelectronics M41TTHSMQ6F Datasheet HTML 13Page - STMicroelectronics M41TTHSMQ6F Datasheet HTML 14Page - STMicroelectronics M41TTHSMQ6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
M41T94
Signal description
11/41
2
Signal description
2.1
Serial data output (SDO)
The output pin is used to transfer data serially out of the Memory. Data is shifted out on the
falling edge of the serial clock.
2.2
Serial data input (SDI)
The input pin is used to transfer data serially into the device. Instructions, addresses, and
the data to be written, are each received this way. Input is latched on the rising edge of the
serial clock.
2.3
Serial clock (SCL)
The serial clock provides the timing for the serial interface (as shown in Figure 7 on page 13
and Figure 8 on page 14). The W/R bit, addresses, or data are latched, from the input pin,
on the rising edge of the clock input. The output data on the SDO pin changes state after the
falling edge of the clock input.
The M41T94 can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
(CPOL, CPHA) = ('0', '0') or
(CPOL, CPHA) = ('1', '1').
For these two modes, input data (SDI) is latched in by the low-to-high transition of clock
SCL, and output data (SDO) is shifted out on the high-to-low transition of SCL (see Table 2
on page 10 and Figure 6 on page 10).
2.4
Chip enable (E)
When E is high, the memory device is deselected, and the SDO output pin is held in its high
impedance state. After power-on, a high-to-low transition on E is required prior to the start of
any operation.


Similar Part No. - M41TTHSMQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41TTHSMQ6F STMICROELECTRONICS-M41TTHSMQ6F Datasheet
433Kb / 31P
   512 Bit 64 bit x8 SERIAL RTC SPI SRAM
M41TTHSMQ6F STMICROELECTRONICS-M41TTHSMQ6F Datasheet
328Kb / 40P
   Serial Real Time Clock with 44Bytes NVRAM and Reset
M41TTHSMQ6F STMICROELECTRONICS-M41TTHSMQ6F Datasheet
358Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
More results

Similar Description - M41TTHSMQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T94 STMICROELECTRONICS-M41T94_09 Datasheet
358Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
M41T94 STMICROELECTRONICS-M41T94_06 Datasheet
328Kb / 40P
   Serial Real Time Clock with 44Bytes NVRAM and Reset
M41T56 STMICROELECTRONICS-M41T56_07 Datasheet
222Kb / 25P
   Serial real-time clock with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11_08 Datasheet
254Kb / 29P
   Serial real-time clock with 56 bytes of NVRAM
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
   Serial real-time clock (RTC) with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11 Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
   Serial real-time clock (RTC) with 56 bytes of NVRAM
logo
Texas Instruments
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
BQ4285 TI-BQ4285 Datasheet
1Mb / 27P
[Old version datasheet]   Real-Time Clock RTC With NVRAM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com