Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP144D Datasheet(PDF) 5 Page - Synaptics Incorporated.

Part # RP144D
Description  Low Voltage V.90/ K56flex / V.34/ v.32bis Modem Data Pumps for Desktop Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RP144D Datasheet(HTML) 5 Page - Synaptics Incorporated.

  RP144D Datasheet HTML 1Page - Synaptics Incorporated. RP144D Datasheet HTML 2Page - Synaptics Incorporated. RP144D Datasheet HTML 3Page - Synaptics Incorporated. RP144D Datasheet HTML 4Page - Synaptics Incorporated. RP144D Datasheet HTML 5Page - Synaptics Incorporated. RP144D Datasheet HTML 6Page - Synaptics Incorporated. RP144D Datasheet HTML 7Page - Synaptics Incorporated. RP144D Datasheet HTML 8Page - Synaptics Incorporated. RP144D Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
/RZ9ROWDJH9.IOH[99ELV0RGHP'DWD3XPSV
53'53'DQG53'
0'

Automatic Mode Selection
When automatic mode selection (AMS) is enabled, the
MDP configures itself to the highest compatible data rate
supported by the remote modem (AUTO bit). Automode
operation is supported in V.90, K56flex, V.34, V.32 bis,
V.32 V.22 bis, V.22, V.21, V.23, Bell 212A, and Bell 103
modes.
Automatic Rate Adaption (ARA)
In V.90, K56flex, V.34, and V.32 bis modes, automatic
rate adaption (ARA) can be enabled to select the highest
data rate possible based on the measured eye quality
monitor (EQM) (EARC bit). This selection occurs during
handshake/retrain and rate renegotiation.
Tone Generation
The MDP can generate single or dual voice-band tones
from 0 Hz to 3600 Hz with a resolution of 0.15 Hz and an
accuracy of ± 0.01%. Tones over 3000 Hz are attenuated.
DTMF tone generation allows the MDP to operate as a
programmable DTMF dialer.
Data Encoding
The data encoding conforms to ITU-T recommendations
V.90, V.34, V.32 bis, V.32, V.17, V.33, V.29, V.27 ter,
V.22 bis, V.22, V.23, or V.21, and is compatible with Bell
208, 212A, or 103, depending on the model and selected
configuration.
RTS - CTS Response Time
The response times of CTS relative to a corresponding
transition of RTS are listed in Table 3.
Transmit Level
The transmitter output level is selectable from 0 dBm to
-15 dBm (VAA = +5V) in 1 dB steps and is accurate to
±0.5 dB when used with an external hybrid. The output
level can also be fine tuned by changing a gain constant
in MDP DSP RAM. The maximum V.34/V.32 bis/V.32
transmit level for acceptable receive performance should
not exceed -9 dBm.
Note: In V.34 mode, the transmit level may be
automatically changed during the handshake. This
automatic adjustment of the transmit level may be
disabled via a parameter in DSP RAM.
Transmitter Timing
Transmitter timing is selectable between internal
(±0.01%), external, or slave.
Scrambler/Descrambler
A self-synchronizing scrambler/descrambler is used in
accordance with the selected configuration.
Answer Tone
When the NV25 bit is a zero, the MDP generates a 2100
Hz answer tone at the beginning of the answer handshake
for 5.0 seconds (V.8) or 3.6 seconds (V.32 bis, V.32, V.22
bis, V.22, V.23, and V.21). The answer tone has 180°
phase reversals every 0.45 second to disable network
echo cancellers (V.8, V.32 bis, V.32).
7DEOH  576&76 5HVSRQVH 7LPHV
RTS-CTS Response
1
Configuration
Constant
Carrier
Controlled
Carrier
Turn-Off
Sequence
3
V.90, K56flex, V.34,
V.32 bis, V.32
± 2 ms
N/A
N/A
V.33/V.17 Long
N/A
1393 ms
2
15 ms
4
V.33/V.17 Short
N/A
142 ms
2
15 ms
4
V.29
N/A
253 ms
212 ms
V.27 4800 Long
N/A
708 ms
2
7 ms
4
V.27 4800 Short
N/A
50 ms
2
7 ms
4
V.27 2400 Long
N/A
943 ms
2
10 ms
4
V.27 2400 Short
N/A
67 ms
2
10 ms
4
V.22 bis, V.22,
Bell 212A
± 2 ms
270 ms
N/A
V.21
500 ms
500 ms
N/A
V.23, Bell 103
210 ms
210 ms
N/A
Notes:
1. Times listed are CTS turn-on. The CTS OFF-to-ON
response time is host programmable in DSP RAM. (Full-
duplex modes only.)
2. Add echo protector tone duration plus 20 ms when echo
protector tone is used during turn-on.
3. Turn-off sequence consists of transmission of remaining
data and scrambled ones for controlled carrier operation.
CTS turn-off is less than 2 ms for all configurations.
4. Plus 20 ms of no transmitted energy.
5. N/A = not applicable.
Receive Level
The MDP satisfies performance requirements for received
line signal levels from –9 dBm to –43 dBm measured at
the Receiver Analog (RXA) (TIP and RING) input (-15
dBm at RIN).
Note: A 6 dB pad is required between TIP and RING and
the RIN input.
Receiver Timing
The timing recovery circuit can track a frequency error in
the associated transmit timing source of ±0.035% (V.22
bis) or ±0.01% (other configurations).
Carrier Recovery
The carrier recovery circuit can track a ±7 Hz frequency
offset in the received carrier.
Clamping
Received Data (RXD) is clamped to a constant mark
whenever the Received Line Signal Detector (~RLSD) is
off. ~RLSD can be clamped off (RLSDE bit).


Similar Part No. - RP144D

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RP144LD CONEXANT-RP144LD Datasheet
286Kb / 24P
   LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
More results

Similar Description - RP144D

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RP56LD CONEXANT-RP56LD Datasheet
286Kb / 24P
   LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
RC56LD CONEXANT-RC56LD Datasheet
194Kb / 22P
   Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
logo
List of Unclassifed Man...
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
logo
Synaptics Incorporated.
RC56D-USB CONEXANT-RC56D-USB Datasheet
171Kb / 14P
   INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
RH56D-PCI CONEXANT-RH56D-PCI Datasheet
199Kb / 12P
   Host Controlled V.90/K56flex Modem device
logo
List of Unclassifed Man...
RS56L-PCI ETC2-RS56L-PCI Datasheet
161Kb / 12P
   Host-Processed V.90/K56flex?? Modem Device Family for Mobile Applications
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com