Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT10EW4572AAA-J33 Datasheet(PDF) 6 Page - Bookham, Inc.

Part # MT10EW4572AAA-J33
Description  24 PIN 10Gb/s Long Reach DWDM Serial Transmitter Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

MT10EW4572AAA-J33 Datasheet(HTML) 6 Page - Bookham, Inc.

Back Button MT10EW4572AAA-J33 Datasheet HTML 2Page - Bookham, Inc. MT10EW4572AAA-J33 Datasheet HTML 3Page - Bookham, Inc. MT10EW4572AAA-J33 Datasheet HTML 4Page - Bookham, Inc. MT10EW4572AAA-J33 Datasheet HTML 5Page - Bookham, Inc. MT10EW4572AAA-J33 Datasheet HTML 6Page - Bookham, Inc. MT10EW4572AAA-J33 Datasheet HTML 7Page - Bookham, Inc. MT10EW4572AAA-J33 Datasheet HTML 8Page - Bookham, Inc. MT10EW4572AAA-J33 Datasheet HTML 9Page - Bookham, Inc. MT10EW4572AAA-J33 Datasheet HTML 10Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet
6
Schematic Diagram
Pinout Table
Pin #
Symbol
Pin Assignment
Pin #
Symbol
Pin Assignment
1
GND_TEC
TEC ground
24
V
CC
Positive power supply (+5V)
2
PWR_MON
Optical power monitor
23
GND
Ground
3
LDA
Laser degraded alarm
22
CLKN
Clock input (-)
4
TXDIS
Module TX disable input
21
GND
Ground
5
CSEL
Clocked/Non-clocked
20
CLKP
Clock input (+)
mode select[1]
6
GND
Ground
19
GND
Ground
7
LTDA
Laser temperature
18
DATAN
Data input (-)
degraded alarm
8
I2C CLK
I2C Clock bus
17
GND
Ground
9I2C DATA
I2C Data bus
16
DATAP
Data input (+)
10
NUC
No user connection
15
GND
Ground
11
NUC
No user connection
14
V
TEC
TEC supply Voltage (+3.3V)
12
GND
Ground
13
V
CC
Positive power supply (+5V)
Refer to module outline drawing for pin identification.
Note: [1] Only non-clocked mode is presently supported with the MT10EW module.


Similar Part No. - MT10EW4572AAA-J33

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT10-1203S VOLGEN-MT10-1203S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1205S VOLGEN-MT10-1205S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1212S VOLGEN-MT10-1212S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1212W VOLGEN-MT10-1212W Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT10-1215S VOLGEN-MT10-1215S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
More results

Similar Description - MT10EW4572AAA-J33

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com