Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC10NEJ Datasheet(PDF) 9 Page - Bookham, Inc.

Part # LMC10NEJ
Description  10Gb/s Compact InP MZ Modulator with DWDM Laser
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LMC10NEJ Datasheet(HTML) 9 Page - Bookham, Inc.

Back Button LMC10NEJ Datasheet HTML 5Page - Bookham, Inc. LMC10NEJ Datasheet HTML 6Page - Bookham, Inc. LMC10NEJ Datasheet HTML 7Page - Bookham, Inc. LMC10NEJ Datasheet HTML 8Page - Bookham, Inc. LMC10NEJ Datasheet HTML 9Page - Bookham, Inc. LMC10NEJ Datasheet HTML 10Page - Bookham, Inc. LMC10NEJ Datasheet HTML 11Page - Bookham, Inc. LMC10NEJ Datasheet HTML 12Page - Bookham, Inc. LMC10NEJ Datasheet HTML 13Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
9
Operating the LMC10NEJ
Control Schemes for the LMC10NEJ
Arm DC Bias Voltage Control
A dynamic control scheme can be implemented to maintain the bias points on the left and right arms of the MZ modulator at the
quadrature point. This will maintain the output pulse train with a 50% eye crossing level. The control circuit needs to track any over
life change in the bias points, thereby maintaining the 50% eye crossing condition.
Dynamic Output Power Control
The power tap (tap) and variable optical attenuator (VOA) can be utilised as part of an optical power control loop. The circuit
should act to maintain a constant power tap photocurrent by changing the VOA voltage. The tap current is set to a reference value
determined during manufacturing test of the transmitter. Maintaining this value over life will ensure the power range given in this
specification can be met. It will also improve the short term power stability of the product over and above that which can be
achieved with the tap and VOA not used.
It is not intended that the VOA should be used for open loop optical attenuation other than that specified above.
Benefits of Using Control Schemes
The product can be used without the control schemes discussed above. But there are benefits of implementing the control loops:-
Maintaining the optical eye crossing to 50% through the life of the product will minimise the variation in extinction ratio and reduce
variations in link dispersion penalty.
If the tap and VOA control scheme is used then the short and long term power stability is enhanced. This is because any changes
in optical performance caused by optical coupling variations over the operational case temperature range, can be compensated for
by the power tap and VOA and overall power stability is improved. This is at the expense of lower start of life power to allow some
VOA margin with which to implement the compensation.
Summary
For more demanding applications at higher link lengths or tighter link budgets the LMC10NEJ may be used with control schemes
which will provide MZ arm bias point control for 50% optical eye crossing.
Use of the tap and VOA in a control loop can offer improved power stability compared to open loop performance.


Similar Part No. - LMC10NEJ

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LMC10NEG BOOKHAM-LMC10NEG Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10NEG3347-J28 BOOKHAM-LMC10NEG3347-J28 Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10NEG3347-J57 BOOKHAM-LMC10NEG3347-J57 Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10NEG3347-J59 BOOKHAM-LMC10NEG3347-J59 Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
More results

Similar Description - LMC10NEJ

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LMC10NEG BOOKHAM-LMC10NEG Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10ZEG BOOKHAM-LMC10ZEG Datasheet
798Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
logo
Integrated Device Techn...
GX62474 IDT-GX62474 Datasheet
171Kb / 2P
   Linear MZ Modulator Driver
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com