Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGP-28111J-82 Datasheet(PDF) 10 Page - Bookham, Inc.

Part # IGP-28111J-82
Description  SFP Optical Transceivers for 2.7Gb/s 180km DWDM Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

IGP-28111J-82 Datasheet(HTML) 10 Page - Bookham, Inc.

Back Button IGP-28111J-82 Datasheet HTML 6Page - Bookham, Inc. IGP-28111J-82 Datasheet HTML 7Page - Bookham, Inc. IGP-28111J-82 Datasheet HTML 8Page - Bookham, Inc. IGP-28111J-82 Datasheet HTML 9Page - Bookham, Inc. IGP-28111J-82 Datasheet HTML 10Page - Bookham, Inc. IGP-28111J-82 Datasheet HTML 11Page - Bookham, Inc. IGP-28111J-82 Datasheet HTML 12Page - Bookham, Inc. IGP-28111J-82 Datasheet HTML 13Page - Bookham, Inc. IGP-28111J-82 Datasheet HTML 14Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
10
Electrical Pin-out Details
Figure 11: Diagram of Host Board Connector Block Pin Numbers and Names.
Pin Number
Name
Function
Plug Sequence
1
V
EET
Transmitter Ground
1
2
TX_FAULT/INT
Transmitter Fault Indicator
3
3
TX_DISABLE
Transmitter Disable
3
4
MOD-DEF(2)
Module Definition 2
3
5
MOD-DEF(1)
Module Definition 1
3
6
MOD-DEF(0)
Module Definition 0
3
7
Tone in
Not Implemented. See note.
3
8
LOS
Loss of Signal
3
9
Tone out
Not Implemented. See note.
1
10
V
EER
Receiver Ground
1
11
V
EER
Receiver Ground
1
12
RD-
Inverted Received Data Out
3
13
RD+
Received Data Out
3
14
V
EER
Receiver Ground
1
15
V
CCR
Receiver Power
2
16
V
CCT
Transmitter Power
2
17
V
EET
Transmitter Ground
1
18
TD+
Transmit Data In
3
19
TD-
Inverted Transmit Data In
3
20
V
EET
Transmitter Ground
1
Table 2: Pin Definitions and Connection Sequence during Hot Plugging.
Note: The DWDM MSA provisions for a supervisory tone via pin 7 and pin 9. However, the Bookham DWDM SFP does not currently support this option.


Similar Part No. - IGP-28111J-82

ManufacturerPart #DatasheetDescription
logo
Level One
IGP-0101 LVL1-IGP-0101 Datasheet
235Kb / 2P
   Redundant power inputs with Terminal Block
IGP-0801 LVL1-IGP-0801 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
IGP-0802 LVL1-IGP-0802 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
More results

Similar Description - IGP-28111J-82

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
List of Unclassifed Man...
PSP-1G010 ETC2-PSP-1G010 Datasheet
315Kb / 8P
   SFP Optical Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701XXZ AVAGO-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5701Z AVAGO-AFBR-5701Z Datasheet
339Kb / 22P
   SFP OPtical Transceivers with Optional DMI for Gigabit Ethernet
logo
Bookham, Inc.
IGF-42311J BOOKHAM-IGF-42311J Datasheet
553Kb / 11P
   XFP Optical Transceivers for 10km 10G Serial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com