Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LV1224B Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LV1224B
Description  10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LV1224B Datasheet(HTML) 4 Page - Texas Instruments

  SN65LV1224B Datasheet HTML 1Page - Texas Instruments SN65LV1224B Datasheet HTML 2Page - Texas Instruments SN65LV1224B Datasheet HTML 3Page - Texas Instruments SN65LV1224B Datasheet HTML 4Page - Texas Instruments SN65LV1224B Datasheet HTML 5Page - Texas Instruments SN65LV1224B Datasheet HTML 6Page - Texas Instruments SN65LV1224B Datasheet HTML 7Page - Texas Instruments SN65LV1224B Datasheet HTML 8Page - Texas Instruments SN65LV1224B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
Start
Bit
Stop
Bit
DIN0 Held Low and DIN1 Held High
DIN0
DIN1
Start
Bit
Stop
Bit
Start
Bit
Stop
Bit
DIN4 Held Low and DIN5 Held High
DIN4
DIN5
Start
Bit
Stop
Bit
Start
Bit
Stop
Bit
DIN8 Held Low and DIN9 Held High
DIN8
DIN9
Start
Bit
Stop
Bit
DATA TRANSMISSION MODE
SN65LV1023A
SN65LV1224B
SLLS621C – SEPTEMBER 2004 – REVISED FEBRUARY 2006
FUNCTIONAL DESCRIPTION (continued)
Figure 1. RMT Pattern Examples
After initialization and synchronization, the serializer accepts parallel data from inputs DIN0–DIN9. The serializer
uses the TCLK input to latch the incoming data. The TCLK_R/F pin selects which edge the serializer uses to
strobe incoming data. If either of the SYNC inputs is high for six TCLK cycles, the data at DIN0–DIN9 is ignored
regardless of the clock edge selected and 1026 cycles of SYNC pattern are sent.
After determining which clock edge to use, a start and stop bit, appended internally, frames the data bits in the
register. The start bit is always high and the stop bit is always low. The start and stop bits function as the
embedded clock bits in the serial stream.
The serializer transmits serialized data and appended clock bits (10+2 bits) from the serial data output (DO
±) at
12 times the TCLK frequency. For example, if TCLK is 66 MHz, the serial rate is 66 × 12 = 792 Mbps. Because
only 10 bits are input data, the useful data rate is 10 times the TCLK frequency. For instance, if TCLK = 66 MHz,
the useful data rate is 66 × 10 = 660 Mbps. The data source, which provides TCLK, must be in the range of 10
MHz to 66 MHz.
The serializer outputs (DO
±) can drive point-to-point connections or limited multipoint or multidrop backplanes.
The outputs transmit data when the enable pin (DEN) is high, PWRDN = high, and SYNC1 and SYNC2 are low.
When DEN is driven low, the serializer output pins enter the high-impedance state.
4
Submit Documentation Feedback


Similar Part No. - SN65LV1224B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1224B-EP TI1-SN65LV1224B-EP Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1224BMDBREP TI1-SN65LV1224BMDBREP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1224BMDBREP TI1-SN65LV1224BMDBREP Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1224B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com