Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC176ADG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC176ADG4
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC176ADG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC176ADG4 Datasheet HTML 1Page - Texas Instruments SN75LBC176ADG4 Datasheet HTML 2Page - Texas Instruments SN75LBC176ADG4 Datasheet HTML 3Page - Texas Instruments SN75LBC176ADG4 Datasheet HTML 4Page - Texas Instruments SN75LBC176ADG4 Datasheet HTML 5Page - Texas Instruments SN75LBC176ADG4 Datasheet HTML 6Page - Texas Instruments SN75LBC176ADG4 Datasheet HTML 7Page - Texas Instruments SN75LBC176ADG4 Datasheet HTML 8Page - Texas Instruments SN75LBC176ADG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN65LBC176A, SN75LBC176A
DIFFERENTIAL BUS TRANSCEIVERS
SLLS376C− MAY 2000 − REVISED DECEMBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
driver electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = − 18 mA
−1.5
−0.8
V
SN65LBC176AQ
1.5
4
6
IO = 0
SN65LBC176A,
SN75LBC176A
4
V
SN65LBC176AQ
0.9
1.5
6
| VOD |
Differential output voltage
RL = 54 Ω,
See Figure 1
SN65LBC176A
1
1.5
3
V
| VOD |
Differential output voltage
RL = 54 Ω,
See Figure 1
SN75LBC176A
1.1
1.5
3
V
SN65LBC176AQ
0.9
1.5
6
V
Vtest = − 7 V to 12 V, See Figure 2
SN65LBC176A
1
1.5
3
V
Vtest = − 7 V to 12 V, See Figure 2
SN75LBC176A
1.1
1.5
3
V
∆| VOD |
Change in magnitude of
differential output voltage
See Figures 1 and 2
−0.2
0.2
V
Steady-state common-mode
SN65LBC176AQ
1.8
2.4
3
VOC(SS)
Steady-state common-mode
output voltage
See Figure 1
SN65LBC176A,
SN75LBC176A
1.8
2.4
2.8
V
Change in steady-state
See Figure 1
SN65LBC176AQ
−0.2
0.2
V
∆ VOC(SS)
Change in steady-state
common-mode output
voltage†
SN65LBC176A,
SN75LBC176A
−0.1
0.1
IOZ
High-impedance output
current
See receiver input currents
IIH
High-level enable input
current
VI = 2 V
−100
µA
IIL
Low-level enable input current
VI = 0.8 V
−100
µA
IOS
Short-circuit output current
− 7 V
≤ VO ≤ 12 V
−250
±70
250
mA
VI = 0 or VCC,
Receiver disabled and driver enabled
5
9
ICC
Supply current
VI = 0 or VCC,
No load
Receiver disabled and driver disabled
0.4
0.7
mA
ICC
Supply current
No load
Receiver enabled and driver enabled
8.5
15
mA
† All typical values are at VCC = 5 V, TA = 25°C.
driver switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST
CONDITIONS
SN65LBC176AQ
SN65LBC176A
SN75LBC176A
UNIT
PARAMETER
CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
2
12
2
6
12
ns
tPHL
Propagation delay time, high-to-low-level output
RL = 54 Ω,
2
12
2
6
12
ns
tsk(p)
Pulse skew ( | tPLH − tPHL |)
RL = 54 Ω,
CL = 50 pF,
See Figure 3
2
0.3
1
ns
tr
Differential output signal rise time
CL = 50 pF,
See Figure 3
1.2
11
4
7.5
11
ns
tf
Differential output signal fall time
1.2
11
4
7.5
11
ns
tPZH
Propagation delay time, high-impedance-to-high-
level output
RL = 110 Ω,
See Figure 4
22
12
22
ns
tPZL
Propagation delay time, high-impedance-to-low-
level output
RL = 110 Ω,
See Figure 5
25
12
22
ns
tPHZ
Propagation delay time, high-level-to-high-
impedance output
RL = 110 Ω,
See Figure 4
22
12
22
ns
tPLZ
Propagation delay time, low-level-to-high-
impedance output
RL = 110 Ω,
See Figure 5
22
12
22
ns
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - SN75LBC176ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC176ADG4 TI-SN75LBC176ADG4 Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75LBC176ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com