Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3681AIJS-4.2-1-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT3681AIJS-4.2-1-T1
Description  500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3681AIJS-4.2-1-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3681AIJS-4.2-1-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3681AIJS-4.2-1-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3681AIJS-4.2-1-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3681AIJS-4.2-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3681AIJS-4.2-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3681AIJS-4.2-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3681AIJS-4.2-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3681AIJS-4.2-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3681AIJS-4.2-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AAT3681A Feature Options
Absolute Maximum Ratings
1
Thermal Information
2
Symbol
Description
Value
Units
V
P
ADP Continuous
-0.3 to 8.0
V
V
N
BAT, STAT, ISET, EN
-0.3 to V
P + 0.3
V
T
J
Operating Junction Temperature Range
-40 to 150
°C
T
LEAD
Maximum Soldering Temperature (at Leads)
300
°C
Symbol
Description
Value
Units
P
D
Maximum Power Dissipation
0.687
W
θ
JA
Maximum Thermal Resistance
160
°C/W
Charge Termination
Product
Trickle Charge
Enable
Threshold Current
AAT3681A
Yes
Active High
10%
AAT3681A-1
No
Active High
10%
AAT3681A-2
Yes
Active Low
10%
AAT3681A-3
Yes
Active Low
0
AAT3681A
500mA USB Port or AC Adapter
Lithium-Ion/Polymer Battery Charger
3681A.2007.10.1.2
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.


Similar Part No. - AAT3681AIJS-4.2-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681 Datasheet
307Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681-1 ANALOGICTECH-AAT3681-1 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681IJS-4.2-1-T1 AAT-AAT3681IJS-4.2-1-T1 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3681AIJS-4.2-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3684 ANALOGICTECH-AAT3684 Datasheet
285Kb / 17P
   500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681 ANALOGICTECH-AAT3681 Datasheet
307Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
SiGe Semiconductor, Inc...
AATIAN71 SIGE-AATIAN71 Datasheet
75Kb / 4P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681_08 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3686 AAT-AAT3686 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3686 ANALOGICTECH-AAT3686 Datasheet
516Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686 ANALOGICTECH-AAT3686_08 Datasheet
455Kb / 23P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com