Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGP-28111J-09 Datasheet(PDF) 3 Page - Bookham, Inc.

Part # IGP-28111J-09
Description  SFP Optical Transceivers for 2.7Gb/s 180km DWDM Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

IGP-28111J-09 Datasheet(HTML) 3 Page - Bookham, Inc.

  IGP-28111J-09 Datasheet HTML 1Page - Bookham, Inc. IGP-28111J-09 Datasheet HTML 2Page - Bookham, Inc. IGP-28111J-09 Datasheet HTML 3Page - Bookham, Inc. IGP-28111J-09 Datasheet HTML 4Page - Bookham, Inc. IGP-28111J-09 Datasheet HTML 5Page - Bookham, Inc. IGP-28111J-09 Datasheet HTML 6Page - Bookham, Inc. IGP-28111J-09 Datasheet HTML 7Page - Bookham, Inc. IGP-28111J-09 Datasheet HTML 8Page - Bookham, Inc. IGP-28111J-09 Datasheet HTML 9Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
3
All specifications relate to End of Life (EOL) values over temperature and supply voltage, unless otherwise stated.
APD Receiver Operating Specifications – Optical
Parameter
Symbol
Value
Units
Notes
Min
Typical
Max
Receiver Sensitivity
-28
dBm
Note 1, 8
(OSNR = 30dB)
Rx
SENS_1
-24
dBm
Note 2, 8
-34
dBm
Note 3, 8
Receiver Sensitivity
(OSNR = 21dB)
Rx
SENS_2
-24
dBm
Note 4, 8
Receiver Sensitivity
(OSNR = 25dB)
Rx
SENS_3
-22
dBm
Note 5, 8
Maximum
-7
dBm
Note 1
Input Power
Rx
OVERLOAD
-9
dBm
Note 5
-16
dBm
Note 6
Input Operating Wavelength
λ
RX
1260
1610
nm
Note 7
Reflectance
R
RX
-27
dB
Loss of Signal - Asserted
P
A
-40
-33
dBm
Loss of Signal - Deasserted
P
D
-31
dBm
Hysteresis
P
A - PD
0.5
4
dB
Notes:
[1] Average power at 1 x 10
-12 BER and data rates of 125Mb/s to 2.667Gb/s.
[2] Average power at 1 x 10
-12 BER and a data rate of 4.25Gb/s.
[3] Average power at 1 x 10
-4 BER and a data rate of 2.667Gb/s.
[4] Average power at 1 x 10
-12 BER and a data rate of 2.667Gb/s over 180km fibre.
[5] Average power at 1 x 10
-12 BER and a data rate of 4.25Gb/s over 80km fibre.
[6] Average power at 1 x 10
-10 BER and a data rate of 155.55Mb/s
[7] Between 1260nm and 1520nm minimum receiver sensitivity is reduced by 2dB (-26dBm minimum).
[8] ONSR measurements are made using an optical spectrum analyser with a resolution bandwidth of 0.1nm and an optical passband filter with a 3dB bandwidth of 1nm.
Transmitter Operating Specifications – Electrical
Parameter
Symbol
Value
Units
Notes
Min
Typical
Max
Data Rate
BR
0.125
2.667
4.25
Gb/s
Supply Voltage
V
CCTX
3.13
3.3
3.47
V
PECL/CML Input
V
TXDIFF
500
1600
mV
Differential pk-pk Note 1
Input Rise/Fall
T
R / TF
160
ps
20% - 80% Note 1
TX_DISABLE (asserted)
V
DH
2
3.47
V
Input voltage high
TX_DISABLE (negated)
V
DL
-0.3
0.8
V
Input voltage low
TX_FAULT (asserted)
V
FH
2
3.47
V
Output voltage high
TX_FAULT ( negated)
V
FL
-0.3
0.8
V
Output voltage low
Notes:
[1] Test conditions: 100
Ω differential (from 100MHz to 2.5GHz); VTXDIFF = | (VTD+) – (VTD-) |.


Similar Part No. - IGP-28111J-09

ManufacturerPart #DatasheetDescription
logo
Level One
IGP-0101 LVL1-IGP-0101 Datasheet
235Kb / 2P
   Redundant power inputs with Terminal Block
IGP-0801 LVL1-IGP-0801 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
IGP-0802 LVL1-IGP-0802 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
More results

Similar Description - IGP-28111J-09

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
List of Unclassifed Man...
PSP-1G010 ETC2-PSP-1G010 Datasheet
315Kb / 8P
   SFP Optical Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701XXZ AVAGO-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5701Z AVAGO-AFBR-5701Z Datasheet
339Kb / 22P
   SFP OPtical Transceivers with Optional DMI for Gigabit Ethernet
logo
Bookham, Inc.
IGF-42311J BOOKHAM-IGF-42311J Datasheet
553Kb / 11P
   XFP Optical Transceivers for 10km 10G Serial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com