Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM400DU-12F Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CM400DU-12F
Description  Trench Gate Design Dual IGBTMOD??400 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM400DU-12F Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CM400DU-12F Datasheet HTML 1Page - Powerex Power Semiconductors CM400DU-12F Datasheet HTML 2Page - Powerex Power Semiconductors CM400DU-12F Datasheet HTML 3Page - Powerex Power Semiconductors CM400DU-12F Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
CM400DU-12F
Trench Gate Design Dual IGBTMOD™
400 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
GATE CHARGE, Q
G, (nC)
GATE CHARGE, VGE
20
0
1000
2000
3000
16
12
8
4
0
4000
VCC = 300V
VCC = 200V
IC = 400A
EMITTER CURRENT, I
E, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT, I
C, (AMPERES)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
103
102
101
100
VGE = 0V
101
Cies
Coes
0
1.0
2.0
3.0
4.0
101
102
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
103
GATE-EMITTER VOLTAGE, V
GE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
06
8
12
10
18
16
14
20
4
3
2
1
0
Tj = 25°C
IC = 160A
IC = 800A
IC = 400A
COLLECTOR-CURRENT, I
C, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
3
0
200
400
2
1
0
800
600
VGE = 15V
Tj = 25°C
Tj = 125°C
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
01
2
3
4
0
Tj = 25
oC
200
400
600
800
VGE = 20V
15
10
9.5
9
8.5
7.5
8
11
Cres
103
101
102
103
102
101
td(off)
td(on)
tr
VCC = 300V
VGE = ±15V
RG = 3.1 Ω
Tj = 125°C
Inductive Load
tf
103
101
102
103
102
101
trr
103
102
101
Irr
Tj = 25°C
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi)
101
10-5
10-4
10-3
100
10-1
10-2
10-3
10-3
10-2
10-1
100
101
10-1
10-2
10-3
Per Unit Base
Rth(j-c) = 0.13°C/W (IGBT)
Rth(j-c) = 0.18°C/W (FWDi)
Single Pulse
TC = 25°C
VCC = 300V
VGE = ±15V
RG = 3.1 Ω
Tj = 25°C
Inductive Load


Similar Part No. - CM400DU-12F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
135Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F_09 Datasheet
135Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM400DU-12F

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM400DU-5F POWEREX-CM400DU-5F Datasheet
68Kb / 4P
   Trench Gate Design Dual IGBTMOD??400 Amperes/250 Volts
CM100DU-12F POWEREX-CM100DU-12F Datasheet
115Kb / 4P
   Trench Gate Design Dual IGBTMOD??100 Amperes/600 Volts
CM150DU-12F POWEREX-CM150DU-12F Datasheet
351Kb / 4P
   Trench Gate Design Dual IGBTMOD??150 Amperes/600 Volts
CM300DU-12F POWEREX-CM300DU-12F Datasheet
67Kb / 4P
   Trench Gate Design Dual IGBTMOD??300 Amperes/600 Volts
CM75DU-12F POWEREX-CM75DU-12F Datasheet
380Kb / 4P
   Trench Gate Design Dual IGBTMOD??75 Amperes/600 Volts
CM150DUS-12F POWEREX-CM150DUS-12F Datasheet
177Kb / 4P
   Trench Gate Design Dual IGBTMOD 150 Amperes/600 Volts
CM100DUS-12F POWEREX-CM100DUS-12F Datasheet
214Kb / 4P
   Trench Gate Design Dual IGBTMOD 100 Amperes/600 Volts
CM600HU-12F POWEREX-CM600HU-12F Datasheet
101Kb / 4P
   Trench Gate Design Single IGBTMOD??600 Amperes/600 Volts
CM400HU-24F POWEREX-CM400HU-24F Datasheet
101Kb / 4P
   Trench Gate Design Single IGBTMOD??400 Amperes/1200 Volts
CM150TJ-12F POWEREX-CM150TJ-12F Datasheet
71Kb / 4P
   Trench Gate Design Six IGBTMOD??150 Amperes/600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com