Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EML10ZCA Datasheet(PDF) 4 Page - Bookham, Inc.

Part # EML10ZCA
Description  10Gb/s EA Modulator and DFB Laser with GPO RF Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

EML10ZCA Datasheet(HTML) 4 Page - Bookham, Inc.

  EML10ZCA Datasheet HTML 1Page - Bookham, Inc. EML10ZCA Datasheet HTML 2Page - Bookham, Inc. EML10ZCA Datasheet HTML 3Page - Bookham, Inc. EML10ZCA Datasheet HTML 4Page - Bookham, Inc. EML10ZCA Datasheet HTML 5Page - Bookham, Inc. EML10ZCA Datasheet HTML 6Page - Bookham, Inc. EML10ZCA Datasheet HTML 7Page - Bookham, Inc. EML10ZCA Datasheet HTML 8Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
4
Absolute Maximum Ratings
Optical Systems Performance
Applications Support
Parameter
Conditions
Min
Typ
Max
Unit
Operating temperature
-20
70
°C
Storage temperature
-40
85
°C
Lead soldering time
T=260°C
10
s
Fiber bend radius
20
mm
Axial force on fiber
5N
Laser forward current
CW @ 30C
150
mA
Laser reverse voltage
2V
Modulator forward voltage
1
V
Modulator reverse voltage
-5
1
V
Monitor diode reverse voltage
20
V
Photodiode forward current
1
mA
TEC voltage
2.5
V
TEC current
1.4
A
ESD
Note
[5]
500
V
Tcase = 25°C unless otherwise stated
The table below provides maximum and/or minimum values of critical parameters which will not permanently damage
the device, but for which the operating specification may not hold.
The following documents are available to support customers using this product:
Document Title
Document Referrence
Performance Comparison of commercially available
AN0140
RF drivers for the Bookham EML11.
Optical component evaluation platforms are available for all Bookham optical components.
Contact your regional sales representative for further information.
Note: [5] In accordance with Telcordia TR-NWT-000870, ESD class 3, human body model.
Test conditions: 9.95328Gb/s 2^23-1 PRBS NRZ data.
Test conditions: 9.95328Gb/s 2^23-1 PRBS NRZ data.
Optical Eye Diagram
Dispersion Penalty Plots


Similar Part No. - EML10ZCA

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10W5575CA-J28 BOOKHAM-EML10W5575CA-J28 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J34 BOOKHAM-EML10W5575CA-J34 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J57 BOOKHAM-EML10W5575CA-J57 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J59 BOOKHAM-EML10W5575CA-J59 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CB-J28 BOOKHAM-EML10W5575CB-J28 Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
More results

Similar Description - EML10ZCA

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
logo
Mitsubishi Electric Sem...
ML9XX31 MITSUBISHI-ML9XX31 Datasheet
46Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML0XX18 MITSUBISHI-ML0XX18 Datasheet
451Kb / 9P
   10Gb/s EA Modulator Driver IC
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX14 MITSUBISHI-ML9XX14 Datasheet
87Kb / 2P
   InGaAsP DFB-LD with EA modulator
ML9XX15 MITSUBISHI-ML9XX15 Datasheet
82Kb / 2P
   InGaAsP DFB-LD with EA modulator?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com