Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EML10WCA Datasheet(PDF) 9 Page - Bookham, Inc.

Part # EML10WCA
Description  10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

EML10WCA Datasheet(HTML) 9 Page - Bookham, Inc.

  EML10WCA Datasheet HTML 1Page - Bookham, Inc. EML10WCA Datasheet HTML 2Page - Bookham, Inc. EML10WCA Datasheet HTML 3Page - Bookham, Inc. EML10WCA Datasheet HTML 4Page - Bookham, Inc. EML10WCA Datasheet HTML 5Page - Bookham, Inc. EML10WCA Datasheet HTML 6Page - Bookham, Inc. EML10WCA Datasheet HTML 7Page - Bookham, Inc. EML10WCA Datasheet HTML 8Page - Bookham, Inc. EML10WCA Datasheet HTML 9Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Data Sheet
BH12960 Rev 2.0 January 2007.
©Bookham 2005. Bookham is a registered trademark of Bookham Inc.
DANGER
OUTPUT POWER 43 mW
WAVELENGTH >1520 nm
CLASS III b LASER PRODUCT
INVISIBLE LASER RADIATION - AVOID
DIRECT EXPOSURE TO BEAM
THIS PRODUCT
COMPLIES WITH
21CFR 1040.10
REFERENCE IEC
60825-1 Edition 1.2
INVISIBLE LASER
RADIATION DO NOT VIEW
DIRECTLY WITH OPTICAL
INSTRUMENTS
CLASS 1M LASER PRODUCT
9
Important Notice
Performance figures, data and any illustrative material
provided in this data sheet are typical and must be
specifically confirmed in writing by Bookham before
they become applicable to any particular order or
contract. In accordance with the Bookham policy of
continuous improvement specifications may change
without notice. The publication of information in this
data sheet does not imply freedom from patent or other
protective rights of Bookham or others. Further details
are available from any Bookham sales representative.
Contact Information
North America
Bookham Worldwide
Headquarters
2584 Junction Ave.
San Jose
CA 95134
USA
• Tel: +1 408 919 1500
• Fax: +1 408 919 6083
www.bookham.com
sales@bookham.com
Europe
Paignton Office
Brixham Road
Paignton
Devon
TQ4 7BE
United Kingdom
• Tel: +44 (0) 1803 66 2000
• Fax: +44 (0) 1803 66 2801
Asia
Shenzhen Office
2 Phoenix Road
Futian Free Trade Zone
Shenzhen 518038
China
• Tel: +86 755 33305888
• Fax: +86 755 33305805
+86 755 33305807
Ordering Information:
EML10W****CA -
[Connector Type]
J28 = SC/PC
J34 = FC/PC
J57 = LC
J59 = MU
Example
EML10W5575CA-J28 is a 1555.747nm EA laser with GPO RF connector with
SC/PC fiber connector for 40km reach applications.
Caution - use of controls or adjustments or
performance of procedures other than
those specified herein may result in
hazardous radiation exposure.
RoHS Compliance
Bookham is fully committed to environment
protection and sustainable development and has
set in place a comprehensive program for
removing polluting and hazardous substances from
all of its products. The relevant evidence of RoHS
compliance is held as part of our controlled
documentation for each of our compliant products.
RoHS compliance parts are available to order,
please refer to the ordering information section for
further details.
ISO14001:1996
EMS 504193
TL9000 Rev 3.0 (ISO9001:2000)
FM15040


Similar Part No. - EML10WCA

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
More results

Similar Description - EML10WCA

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Bookham, Inc.
LMC10NEJ BOOKHAM-LMC10NEJ Datasheet
792Kb / 15P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10NEG BOOKHAM-LMC10NEG Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10ZEG BOOKHAM-LMC10ZEG Datasheet
798Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
logo
Mitsubishi Electric Sem...
ML9XX31 MITSUBISHI-ML9XX31 Datasheet
46Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com