Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPL04 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # PPL04
Description  Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

PPL04 Datasheet(HTML) 2 Page - Bookham, Inc.

  PPL04 Datasheet HTML 1Page - Bookham, Inc. PPL04 Datasheet HTML 2Page - Bookham, Inc. PPL04 Datasheet HTML 3Page - Bookham, Inc. PPL04 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transmission Comparison
Wavelength
PPL03
94
92
90
88
86
84
82
80
78
450
500
550
600
650
700
PPL04
PPL05
Contrast Comparison
Wavelength
PPL03
1400
1200
1000
800
600
400
200
0
450
500
550
600
650
700
PPL04
PPL05
• Operate without degradation at high heat and
light levels.
• Operate at acceptance angles of ± 20º without
depolarization of the skew rays and without
compensation films.
• Operate without degradation in typical consumer
display environments.
• Operate in combination with ProFluxTM beam
splitters enabling system contrast of >10,000:1
ProFluxTM polarizers are recommended for use as
prepolarizers and analyzers and in polarization recovery
products with incident angles less than 20º. They may be
ordered in any rectangular size from 10mm x 10mm to
90mm x 90mm. Smaller sizes, other shapes (such as circles
and triangles) are available as special orders.
In order to provide optimum application performance,
ProFluxTM polarizers are available with various combinations
of high contrast and high transmission.
ProFlux
TM polarizers are superior to all
other normal incidence polarizers
ProFluxTM Products
PPL03 – General Purpose Polarizer
Designed to be used where both Transmission and
contrast are of Equal importance:
• Optical systems where Tp and Tc are equally critical
• General purpose applications
• Optical instruments
PPL04 – High Contrast Polarizar
Designed to be used when system contrast is of
key importance:
• Prepolarizer for transmissive light valve systems
• Cleanup polarizer for transmissive systems with
advanced designs.
• Polarizer for systems requiring high contrast
PPL05 – Very High Transmission
Polarizer
Designed to maximize light transmission:
• Polarization recovery in light sources
• Illumination stage pre-polarizer
2


Similar Part No. - PPL04

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPL07100HA0B5 THINKING-PPL07100HA0B5 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
PPL07100HA0B5-Y THINKING-PPL07100HA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
PPL07100KA0B5 THINKING-PPL07100KA0B5 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
PPL07100KA0B5-Y THINKING-PPL07100KA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
PPL07100LA0B5 THINKING-PPL07100LA0B5 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
More results

Similar Description - PPL04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FL7B5BH ETC2-FL7B5BH Datasheet
68Kb / 1P
   Ball-Grid-Array Thin Film Low-Pass Filter
logo
AVX Corporation
LP0805 AVX-LP0805 Datasheet
114Kb / 3P
   Thin-Film Low Pass Filter
logo
Abracon Corporation
ACMF-04 ABRACON-ACMF-04 Datasheet
2Mb / 3P
   Thin Film Common Mode Filter
05.14.13
logo
AVX Corporation
LP0805A1842ASTR AVX-LP0805A1842ASTR Datasheet
124Kb / 3P
   Thin-Film Low Pass Filter
logo
JDS Uniphase Corporatio...
GFFJ1F2001N01 JDSU-GFFJ1F2001N01 Datasheet
148Kb / 3P
   Thin Film Gain Flattening Filter
logo
List of Unclassifed Man...
TBL1608-245-M2 ETC2-TBL1608-245-M2 Datasheet
96Kb / 3P
   Thin Film Chip LC Filter
logo
Abracon Corporation
ACMF-03 ABRACON-ACMF-03 Datasheet
1Mb / 3P
   Thin Film Common Mode Filter
08.15.13
logo
Vishay Siliconix
CLA VISHAY-CLA Datasheet
103Kb / 3P
   Wire Bondable Thin Film Resistor Arrays
01-Jan-2022
logo
JDS Uniphase Corporatio...
AHC-C00 JDSU-AHC-C00 Datasheet
188Kb / 4P
   Amplifier Hybrid with Thin Film Coupler and Isolator
logo
List of Unclassifed Man...
BL1L5NT250ST1 ETC2-BL1L5NT250ST1 Datasheet
94Kb / 2P
   series, ball-grid-array thin film delay lines
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com