Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H160-WE2 Datasheet(PDF) 8 Page - Rohm

Part # BR25H160-WE2
Description  HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H160-WE2 Datasheet(HTML) 8 Page - Rohm

Back Button BR25H160-WE2 Datasheet HTML 4Page - Rohm BR25H160-WE2 Datasheet HTML 5Page - Rohm BR25H160-WE2 Datasheet HTML 6Page - Rohm BR25H160-WE2 Datasheet HTML 7Page - Rohm BR25H160-WE2 Datasheet HTML 8Page - Rohm BR25H160-WE2 Datasheet HTML 9Page - Rohm BR25H160-WE2 Datasheet HTML 10Page - Rohm BR25H160-WE2 Datasheet HTML 11Page - Rohm BR25H160-WE2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/16
2. Read command (READ)
Product
number
Address
length
BR25H010-W
A6-A0
BR25H020-W
A7-A0
BR25H040-W
A8-A0
Product
number
Address
length
BR25H080-W
A9-A0
BR25H160-W
A10-A0
BR25H320-W
A11-A0
By read command, data of EEPROM can be read. As for this command, set CSB LOW, then input address after read ope code.
EEPROM starts data output of the designated address. Data output is started from SCK fall of 15/23
ж1 clock, and from D7 to D0
sequentially. This IC has increment read function. After output of data for 1 byte (8bits), by continuing input of SCK, data of the
next address can be read. Increment read can read all the addresses of EEPROM. After reading data of the most significant
address, by continuing increment read, data of the most insignificant address is read.
ж1 BR25H010/020/040-W=15 clocks
BR25H080/160/320-W=23 clocks
3. Write command (WRITE)
Product
number
Address
length
BR25H010-W
A6-A0
BR25H020-W
A7-A0
BR25H040-W
A8-A0
Product
number
Address
length
BR25H080-W
A9-A0
BR25H160-W
A10-A0
BR25H320-W
A11-A0
By write command, data of EEPROM can be written. As for this command, set CSB LOW, then input address and data after
write ope code. Then, by making CSB HIGH, the EEPROM starts writing. The write time of EEPROM requires time of tE/W
(Max 5ms). During tE/W, other than status read command is not accepted. Start CSB after taking the last data (D0), and
before the next SCK clock starts. At other timing, write command is not executed, and this write command is cancelled. This
IC has page write function, and after input of data for 1 byte (8 bits), by continuing data input without starting CSB, data up to
16/32
*1bytes can be written for one tE/W. In page write, the insignificant 4/5ж2 bit of the designated address is incremented
internally at every time when data of 1 byte is input and data is written to respective addresses. When data of the maximum
bytes or higher is input, address rolls over, and previously input data is overwritten.
ж1 BR25H010/020/040-W=16 bytes at maximum
BR25H080/160/320-W=32 bytes at maximum
ж2 BR25H010/020/040-W=Insignificant 4 bits
BR25H080/160/320-W=Insignificant 5 bits
High-Z
12
1
1
0
0
3
7
1
2
D6
SO
CSB
SCK
SI
4
5
ж
A11
6
8
ж
ж
A0
A1
D7
23
30
24
D0
0
0
0
0
0
D2
D1
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
High-Z
1
1
0
0
3
7
1
2
D6
SO
CSB
SCK
SI
4
5
A4
6
8
A7
A0
A1
D7
15
22
16
D0
0
0
0
0
*1
D2
D1
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
9
10
11
A6
A5
ж1 BR25H010/020-W=Don’t care
BR25H040-W=A8
Fig.35 Read command (BR25H010/020/040-W)
Fig.36 Read command (BR25H080/160/320-W)
High-Z
ж=Don't care
31
D0
0
0
0
0
0
D2
D1
D7
23
30
24
D6
0
A0
A1
ж
1
1
2
4
0
CSB
SCK
SI
SO
0
3
7
8
5
6
A11
~ ~
~ ~
~ ~
~ ~
~ ~
ж
ж
~ ~
~ ~
~ ~
~ ~
~ ~
High-Z
23
D0
0
0
0
0
ж1
D2
D1
D7
15
22
16
D6
0
A0
A1
1
1
2
4
0
CSB
SCK
SI
SO
0
3
7
8
5
6
A4
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
A5
A6
A7
~ ~
~ ~
ж1 BR25H010/020-W=Don’t care
BR25H040-W=A8
Fig.37 Write command (BR25H010/020/040-W)
Fig.38 Write command (BR25H080/160/320-W)
ж=Don’t Care


Similar Part No. - BR25H160-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H160-WC ROHM-BR25H160-WC Datasheet
497Kb / 20P
   125C Operating tempter
BR25H160-WC ROHM-BR25H160-WC Datasheet
446Kb / 20P
   Automotive Series Serial EEPROMs
More results

Similar Description - BR25H160-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR93CXX-XWXX7TP ROHM-BR93CXX-XWXX7TP Datasheet
235Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~105C type
BR93CXX-XWXX6TP ROHM-BR93CXX-XWXX6TP Datasheet
318Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR95XX0-WXX6TP ROHM-BR95XX0-WXX6TP Datasheet
321Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR24CXX-WXX6TP ROHM-BR24CXX-WXX6TP Datasheet
320Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com