Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H020FJ-W Datasheet(PDF) 10 Page - Rohm

Part # BR25H020FJ-W
Description  HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H020FJ-W Datasheet(HTML) 10 Page - Rohm

Back Button BR25H020FJ-W Datasheet HTML 6Page - Rohm BR25H020FJ-W Datasheet HTML 7Page - Rohm BR25H020FJ-W Datasheet HTML 8Page - Rohm BR25H020FJ-W Datasheet HTML 9Page - Rohm BR25H020FJ-W Datasheet HTML 10Page - Rohm BR25H020FJ-W Datasheet HTML 11Page - Rohm BR25H020FJ-W Datasheet HTML 12Page - Rohm BR25H020FJ-W Datasheet HTML 13Page - Rohm BR25H020FJ-W Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/16
At standby
Current at standby
Set CSB “H”, and be sure to set SCK, SI, WPB, HOLDB input “L” or “H”. Do not input intermediate electric potantial.
Timing
As shown in Fig.43, at standby, when SCK is “H”, even if CSB is fallen, SI status is not read at fall edge. SI status is read at
SCK rise edge after fall of CSB. At standby and at power ON/OFF, set CSB “H” status.
WPB cancel valid area
WPB is normally fixed to “H” or “L” for use, but when WPB is controlled so as to cancel write status register command and write
command, pay attention to the following WPB valid timing.
While write or write status register command is executed, by setting WPB = “L” in cancel valid area, command can be
cancelled. The area from command ope code before CSB rise at internal automatic write start becomes the cancel valid area.
However, once write is started, any input cannot be cancelled. WPB input becomes Don’t Care, and cancellation becomes
invalid.
HOLDB pin
By HOLDB pin, command communication can be stopped temporarily. (HOLD status) The HOLDB pin carries out command
communications normally when it is HIGH. To get in HOLD status, at command communication, when SCK=LOW, set the
HOLDB pin LOW. At HOLD status, SCK and SI become Don’t Care, and SO becomes high impedance (High-Z). To release the
HOLD status, set the HOLDB pin HIGH when SCK=LOW. After that, communication can be restarted from the point before the
HOLD status. For example, when HOLD status is made after A5 address input at read, after release of HOLD status, by starting
A4 address input, read can be restarted. When in HOLD status, leave CSB LOW. When it is set CSB=HIGH in HOLD status,
the IC is reset, therefore communication after that cannot be restarted.
0
1
2
Command start here. SI is read.
Even if CSB is fallen at SCK=SI=”H”,
SI status is not read at that edge.
CSB
SCK
SI
Fig.43 Operating timing
15
16
Ope code
Data
tE/W
data write time
WPB cancel invalid area
WPB cancel invalid area
invalid
WPB cancel invalid area
SCK
CSB
Ope code
Address
tE/W
data write time
WPB cancel invalid area
WPB cancel invalid area
Data
WPB cancel invalid area
invalid
valid
Fig.44 WPB valid timing (WRSR)
Fig.45 WPB valid timing (WRITE)


Similar Part No. - BR25H020FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020FJ-WE2 ROHM-BR25H020FJ-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25H020FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR93CXX-XWXX7TP ROHM-BR93CXX-XWXX7TP Datasheet
235Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~105C type
BR93CXX-XWXX6TP ROHM-BR93CXX-XWXX6TP Datasheet
318Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR95XX0-WXX6TP ROHM-BR95XX0-WXX6TP Datasheet
321Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR24CXX-WXX6TP ROHM-BR24CXX-WXX6TP Datasheet
320Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com