Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H160-W Datasheet(PDF) 3 Page - Rohm

Part # BR25H160-W
Description  HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H160-W Datasheet(HTML) 3 Page - Rohm

  BR25H160-W Datasheet HTML 1Page - Rohm BR25H160-W Datasheet HTML 2Page - Rohm BR25H160-W Datasheet HTML 3Page - Rohm BR25H160-W Datasheet HTML 4Page - Rohm BR25H160-W Datasheet HTML 5Page - Rohm BR25H160-W Datasheet HTML 6Page - Rohm BR25H160-W Datasheet HTML 7Page - Rohm BR25H160-W Datasheet HTML 8Page - Rohm BR25H160-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/16
Pin assignment and description
Terminal name Input/Output
Function
Vcc
Power source to be connected
GND
All input / output reference voltage, 0V
CSB
Input
Chip select input
SCK
Input
Serial clock input
SI
Input
Start bit, ope code, address, and serial data input
SO
Output
Serial data output
HOLDB
Input
Hold input
Command communications may be suspended temporarily
(HOLD status)
WPB
Input
Write protect input
Write command is prohibited
*1
Write status register command is prohibited.
*1:BR25H010/020/040-W
Operating timing characteristics
(Ta=-40~+125°C, unless otherwise specified, load capacity CL1=100pF)
2.5≤Vcc≤5.5V
Parameter
Symbol
Min.
Typ. Max
Unit
SCK frequency
fSCK
5
MHz
SCK high time
tSCKWH
85
ns
SCK low time
tSCKWL
85
ns
CSB high time
tCS
85
ns
CSB setup time
tCSS
90
ns
CSB hold time
tCSH
85
ns
SCK setup time
tSCKS
90
ns
SCK hold time
tSCKH
90
ns
SI setup time
tDIS
20
ns
SI hold time
tDIH
30
ns
Data output delay time1
tPD1
70
ns
Data output delay time1
(CL2=30pF)
tPD2
55
ns
Output hold time
tOH
0
ns
Output disable time
tOZ
100
ns
HOLDB setting
setup time
tHFS
0
ns
HOLDB setting
hold time
tHFH
40
ns
HOLDB release
setup time
tHRS
0
ns
HOLDB release
hold time
tHRH
70
ns
Time from HOLDB
to output High-Z
tHOZ
100
ns
Time from HOLDB
To output change
tHPD
70
ns
SCK rise time
tRC
1
μs
SCK fall time
tFC
1
μs
OUTPUT
rise time
tRO
50
ns
OUTPUT
fall time
tFO
50
ns
Write time
tE/W
5
ms
Ж1 NOT 100% TESTED
Sync data input / output
timing
SI is taken into IC inside in sync with data rise edge of SCK.
Input address and data from the most significant bit MSB.
SO is output in sync with data fall edge of SCK. Data is output
from the most significant bit MSB.
AC measurement conditions
Limits
Parameter
Symbol
Min.
Typ.
Max
Unit
Load capacity 1
CL1
100
pF
Load capacity 2
CL2
30
pF
Input rise time
50
ns
Input fall time
50
ns
Input voltage
0.2Vcc/0.8Vcc
V
Input / Output judgment voltage
0.3Vcc/0.7Vcc
V
Vcc
HOLDB SCK
SI
CSB
SO
WPB
GND
BR25H010-W
BR25H020-W
BR25H040-W
BR25H080-W
BR25H160-W
BR25H320-W
Fig.2 Pin assignment diagram
Fig.3 Input timing
Fig.4 Input / Output timing
Fig.5 HOLD timing
CSB
SCK
SI
SO
tPD
tOH
tRO,tFO
tOZ
tCSH tSCKH
tCS
High-Z
CSB
SCK
SI
SO
tCS
tCSS
tSCKS
tSCKWL
tSCKWH
tDIS tDIH
tRC
tFC
High-Z
CSB
SCK
SI
n+1
"H"
"L"
n
Dn
n-1
Dn
Dn-1
HOLDB
SO
Dn+1
tHFS tHFH
tHOZ
tHRS tHRH
tDIS
tHPD
High-Z
Ж1
Ж1
Ж1
Ж1


Similar Part No. - BR25H160-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H160-WC ROHM-BR25H160-WC Datasheet
497Kb / 20P
   125C Operating tempter
BR25H160-WC ROHM-BR25H160-WC Datasheet
446Kb / 20P
   Automotive Series Serial EEPROMs
More results

Similar Description - BR25H160-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR93CXX-XWXX7TP ROHM-BR93CXX-XWXX7TP Datasheet
235Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~105C type
BR93CXX-XWXX6TP ROHM-BR93CXX-XWXX6TP Datasheet
318Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR95XX0-WXX6TP ROHM-BR95XX0-WXX6TP Datasheet
321Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR24CXX-WXX6TP ROHM-BR24CXX-WXX6TP Datasheet
320Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com