Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18T512800BF Datasheet(PDF) 8 Page - Qimonda AG

Part # HYB18T512800BF
Description  240-Pin unbuffered DDR2 SDRAM Modules
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18T512800BF Datasheet(HTML) 8 Page - Qimonda AG

Back Button HYB18T512800BF Datasheet HTML 4Page - Qimonda AG HYB18T512800BF Datasheet HTML 5Page - Qimonda AG HYB18T512800BF Datasheet HTML 6Page - Qimonda AG HYB18T512800BF Datasheet HTML 7Page - Qimonda AG HYB18T512800BF Datasheet HTML 8Page - Qimonda AG HYB18T512800BF Datasheet HTML 9Page - Qimonda AG HYB18T512800BF Datasheet HTML 10Page - Qimonda AG HYB18T512800BF Datasheet HTML 11Page - Qimonda AG HYB18T512800BF Datasheet HTML 12Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
Internet Data Sheet
Rev. 1.3, 2006-12
8
03292006-6GMD-RSFT
HYS[64/72]T[32/64/128]xx0HU-[25F/2.5/3/3S/3.7/5]-B
Unbuffered DDR2 SDRAM Module
188
A0
I
SSTL
Address Bus 12:0
183
A1
I
SSTL
63
A2
I
SSTL
182
A3
I
SSTL
61
A4
I
SSTL
60
A5
I
SSTL
180
A6
I
SSTL
58
A7
I
SSTL
179
A8
I
SSTL
177
A9
I
SSTL
70
A10
I
SSTL
AP
I
SSTL
57
A11
I
SSTL
176
A12
I
SSTL
196
A13
I
SSTL
Address Signal 13
Note: 1 Gbit based module and 512M
×4/×8
NC
NC
Not Connected
Note: Module based on 1 Gbit
×16
Module based on 512 Mbit
×16 or smaller
174
A14
I
SSTL
Address Signal 14
Note: Modules based on 2 Gbit
NC
NC
Not Connected
Note: Modules based on 1 Gbit or smaller
Data Signals
3
DQ0
I/O
SSTL
Data Bus 63:0
Data Input/Output pins
4
DQ1
I/O
SSTL
9
DQ2
I/O
SSTL
10
DQ3
I/O
SSTL
122
DQ4
I/O
SSTL
123
DQ5
I/O
SSTL
128
DQ6
I/O
SSTL
129
DQ7
I/O
SSTL
Ball No.
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYB18T512800BF

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T512800BF QIMONDA-HYB18T512800BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512800BF QIMONDA-HYB18T512800BF Datasheet
4Mb / 70P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
HYB18T512800BF QIMONDA-HYB18T512800BF Datasheet
4Mb / 69P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
HYB18T512800BF QIMONDA-HYB18T512800BF Datasheet
2Mb / 47P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYB18T512800BF QIMONDA-HYB18T512800BF Datasheet
2Mb / 43P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
More results

Similar Description - HYB18T512800BF

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T32000GU INFINEON-HYS64T32000GU Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS64T32000EU-25F-B2 QIMONDA-HYS64T32000EU-25F-B2 Datasheet
5Mb / 95P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T256020EU-25F-B QIMONDA-HYS64T256020EU-25F-B Datasheet
3Mb / 60P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T16000HU QIMONDA-HYS64T16000HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000HU-3-A QIMONDA-HYS64T32000HU-3-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com