Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6604AHA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6604AHA
Description  Precision Temperature Monitor for DDR Memory Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6604AHA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6604AHA Datasheet HTML 5Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 6Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 7Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 8Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 9Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 10Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 11Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 12Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Precision Temperature Monitor for
DDR Memory Modules
_______________________________________________________________________________________
9
Table 4. Configuration Register (Read/Write)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BIT
DEFINITION (DESCRIPTIONS IN BOLD TYPE ARE THE DEFAULT VALUES)
0
EVENT mode
0 = Comparator output mode (default)
1 = Interrupt mode
When either of the lock bits is set, this bit cannot be altered until unlocked.
1
EVENT polarity
0 = Active low (default)
1 = Active high
When either of the lock bits is set, this bit cannot be altered until unlocked.
2
Critical EVENT only
0 = EVENT output on alarm or critical temperature mode (default)
1 = EVENT only if temperature is above the value in the critical temp register
When the alarm window lock bit is set, this bit cannot be altered until unlocked.
3
EVENT output control
0 = EVENT output disabled (default) [Disabled means EVENT remains in an inactive voltage level]
1 = EVENT output enabled
When either of the lock bits is set, this bit cannot be altered until unlocked.
4
EVENT output status (read only)
0 = EVENT output condition is not being asserted by this device
1 = EVENT output is being asserted by this device due to alarm window or critical trip condition
The actual conditions causing an EVENT output can be determined from the temperature register. Interrupt mode can be
cleared by writing to the clear EVENT bit. Writing to this bit has no effect; this bit is not affected by the polarity setting.
5
Clear EVENT (write only)
0 = No effect
1 = Clears active event in interrupt mode. Writing to this register has no effect in comparator mode
When read, this bit always returns to zero.
6
Alarm window lock bit
0 = Alarm trips are not locked and can be altered (default)
1 = Alarm trip register settings cannot be altered
This bit is initially cleared. When set, this bit returns a 1 and remains locked until cleared by the internal power-on reset.
Lock bits and other configuration register bits are updated during the same write; double writes are not necessary.
7
Critical trip lock bit
0 = Critical trip is not locked and can be altered (default)
1 = Critical trip register settings cannot be altered
This bit is initially cleared. When set, this bit returns a 1 and remains locked until cleared by the internal power-on reset.
Lock bits and other configuration register bits are updated during the same write; double writes are not necessary.


Similar Part No. - MAX6604AHA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6604AAHA++ MAXIM-MAX6604AAHA+ Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
MAX6604AATA++ MAXIM-MAX6604AATA+ Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
More results

Similar Description - MAX6604AHA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6604 MAXIM-MAX6604_V01 Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
MAX6699 MAXIM-MAX6699 Datasheet
310Kb / 19P
   5-Channel Precision Temperature Monitor
Rev 0; 12/05
MAX6697 MAXIM-MAX6697_09 Datasheet
240Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 3; 5/09
MAX6622 MAXIM-MAX6622 Datasheet
195Kb / 18P
   5-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6602 MAXIM-MAX6602 Datasheet
608Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 0; 7/06
MAX6689 MAXIM-MAX6689_07 Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6636 MAXIM-MAX6636 Datasheet
201Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6602 MAXIM-MAX6602_07 Datasheet
207Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6689 MAXIM-MAX6689 Datasheet
341Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 5/06
MAX6697 MAXIM-MAX6697 Datasheet
288Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 1/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com