Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6604AHA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6604AHA
Description  Precision Temperature Monitor for DDR Memory Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6604AHA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6604AHA Datasheet HTML 4Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 5Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 6Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 7Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 8Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 9Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 10Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 11Page - Maxim Integrated Products MAX6604AHA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
the critical temperature register is likely to be higher than
that of the alarm-upper-boundary register. As a result,
when the temperature is above the critical temperature,
it is likely that it is above the alarm-upper-boundary as
well. In interrupt mode, EVENT asserts when the temper-
ature crosses the alarm upper boundary.
If the EVENT output is cleared and the temperature
continues to increase until it crosses the critical temper-
ature threshold, EVENT asserts again. Because the
temperature is greater than the critical temperature
threshold, a clear event command does not clear the
EVENT output. Once the temperature drops below the
critical temperature, EVENT deasserts immediately.
If the EVENT output is not cleared before the tempera-
ture goes above the critical temperature threshold,
EVENT remains asserted. Attempting a clear event
command has no effect until the temperature drops
below the critical temperature, at which point EVENT
deasserts immediately because of the earlier clear
event command. If no clear event command is attempt-
ed, EVENT remains asserted after the temperature
drops below the critical temperature. At this point, a
clear event command deasserts EVENT.
Detailed Register Descriptions
Capability Register (Read Only)
[Address = 00h, POR = 0017h]
This register indicates the capabilities of the thermal
sensor, including accuracy, temperature range, and
resolution. See Table 3 for register details.
Configuration Register (Read/Write)
[Address = 01h, POR = 0000h]
This register controls the various features of EVENT
functionality, and controls the bit for thermal-sensor
shutdown mode. See Table 4 for register details.
Hysteresis
When enabled, hysteresis is applied to temperature varia-
tions around trigger points. For example, consider the
behavior of the alarm window bit (bit 14 of the tempera-
ture register) when the hysteresis is set to 3°C. As the
temperature rises, bit 14 is set to 1 (temperature is above
the alarm window) when the temperature register con-
tains a value that is greater than the value in the alarm
temperature upper boundary register. If the temperature
decreases, bit 14 remains set until the measured temper-
ature is less than or equal to the value in the alarm tem-
perature upper boundary register minus 3°C.
Precision Temperature Monitor for
DDR Memory Modules
8
_______________________________________________________________________________________
Table 3. Capability Register (Read Only)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BIT
DEFINITION (DESCRIPTIONS IN BOLD TYPE APPLY TO THE MAX6604)
0
Basic capability
1: Has alarm and critical trips capability
1
Accuracy
0 = Default accuracy ±2°C over the active and ±3°C monitor ranges
1 = High accuracy ±1°C over the active and ±2°C monitor ranges
2
Wider range
0 = Values lower than 0°C are clamped and represented as binary value 0
1 = Can read temperature below 0°C and set sign bit accordingly
4:3
Temperature resolution
00 = 0.5°C LSB
01 = 0.25°C LSB
10 = 0.125°C LSB
11 = 0.0625°C LSB
15:5
0: Reserved for future use (RFU). Must be zero.


Similar Part No. - MAX6604AHA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6604AAHA++ MAXIM-MAX6604AAHA+ Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
MAX6604AATA++ MAXIM-MAX6604AATA+ Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
More results

Similar Description - MAX6604AHA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6604 MAXIM-MAX6604_V01 Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
MAX6699 MAXIM-MAX6699 Datasheet
310Kb / 19P
   5-Channel Precision Temperature Monitor
Rev 0; 12/05
MAX6697 MAXIM-MAX6697_09 Datasheet
240Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 3; 5/09
MAX6622 MAXIM-MAX6622 Datasheet
195Kb / 18P
   5-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6602 MAXIM-MAX6602 Datasheet
608Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 0; 7/06
MAX6689 MAXIM-MAX6689_07 Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6636 MAXIM-MAX6636 Datasheet
201Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6602 MAXIM-MAX6602_07 Datasheet
207Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6689 MAXIM-MAX6689 Datasheet
341Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 5/06
MAX6697 MAXIM-MAX6697 Datasheet
288Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 1/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com