Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM30MD-12H Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM30MD-12H
Description  CIB Module Three Phase Converter Three Phase Inverter Brake 30 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM30MD-12H Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM30MD-12H Datasheet HTML 1Page - Powerex Power Semiconductors CM30MD-12H Datasheet HTML 2Page - Powerex Power Semiconductors CM30MD-12H Datasheet HTML 3Page - Powerex Power Semiconductors CM30MD-12H Datasheet HTML 4Page - Powerex Power Semiconductors CM30MD-12H Datasheet HTML 5Page - Powerex Power Semiconductors CM30MD-12H Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CM30MD-12H
CIB Module
Three Phase Converter + Three Phase Inverter + Brake
30 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Converter Sector
Repetitive Reverse Current
IRRM
VR = VRRM, Tj = 150°C—
8
mA
Forward Voltage Drop
VFM
IF = 30A
1.5
Volts
Thermal Resistance (Junction-to-Fin)
Rth(j-f)
Per Diode
1.7
°C/W
Brake Sector
Collector-Emitter Saturation Voltage
VCE(sat)
VGE = 15V, IC = 30A, Tj = 25°C—
2.1
2.8
Volts
VGE = 15V, IC = 30A, Tj = 150°C—
2.15
Volts
Collector Cutoff Current
ICES
VCE = VCES, VGE = 0V
1
mA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 3.0mA, VCE = 10V
4.5
6.0
7.5
Volts
Gate-Emitter Cutoff Current
IGES
VGE = VGES, VCE = 0V
0.5
µA
Input Capacitance
Cies
——
3.0
nF
Output Capacitance
Coes
VGE = 0V, VCE = 10V
2.4
nF
Reverse Transfer Capacitance
Cres
——
0.6
nF
Total Gate Charge
QG
VCC = 300V, IC = 30A, VGE = 15V
90
nC
Forward Voltage Drop
VFM
IF = 30A
1.5
Volts
Thermal Resistance (Junction-to-Fin)
Rth(j-f)
Per IGBT
1.9
°C/W
Per Clamp Diode
1.7
°C/W


Similar Part No. - CM30MD-12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM30MD-12H MITSUBISHI-CM30MD-12H Datasheet
143Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM30MD-12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM10MD-12H POWEREX-CM10MD-12H Datasheet
84Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 10 Amperes/600 Volts
CM20MD-12H POWEREX-CM20MD-12H Datasheet
66Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 20 Amperes/600 Volts
CM15MD-12H POWEREX-CM15MD-12H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 15 Amperes/600 Volts
CM50MD-12H POWEREX-CM50MD-12H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 50 Amperes/600 Volts
CM10MD-24H POWEREX-CM10MD-24H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 10 Amperes/1200 Volts
CM15MD-24H POWEREX-CM15MD-24H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 15 Amperes/1200 Volts
CM25MD-24H POWEREX-CM25MD-24H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 25 Amperes/1200 Volts
CM30MD1-12H POWEREX-CM30MD1-12H Datasheet
61Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 30 Amperes/600 Volts
CM20MD1-12H POWEREX-CM20MD1-12H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 20 Amperes/600 Volts
CM10MD1-12H POWEREX-CM10MD1-12H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 10 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com