Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4947 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4947
Description  Hex SPDT Data Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4947 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4947 Datasheet HTML 2Page - Maxim Integrated Products MAX4947 Datasheet HTML 3Page - Maxim Integrated Products MAX4947 Datasheet HTML 4Page - Maxim Integrated Products MAX4947 Datasheet HTML 5Page - Maxim Integrated Products MAX4947 Datasheet HTML 6Page - Maxim Integrated Products MAX4947 Datasheet HTML 7Page - Maxim Integrated Products MAX4947 Datasheet HTML 8Page - Maxim Integrated Products MAX4947 Datasheet HTML 9Page - Maxim Integrated Products MAX4947 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Hex SPDT Data Switch
6
_______________________________________________________________________________________
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
MAX4947
MAX4948
TQFN
UCSP
TQFN
UCSP
1
D2
1
D2
NC6
Analog Switch 6. Normally Closed Terminal 6.
2
D1
2
D1
NO5
Analog Switch 5. Normally Open Terminal 5.
3
C1
3
C1
COM5
Analog Switch 5. Common Terminal 5.
4
C2
4
C2
NC5
Analog Switch 5. Normally Closed Terminal 5.
5
B1
CB56
Digital Control Input for Analog Switches 5 and 6
6, 21
A1, C3,
D3
6, 21
A1, C3,
D3
GND
Ground
7
B2
7
B2
COM4
Analog Switch 4. Common Terminal 4.
8
A2
8
A2
NO4
Analog Switch 4. Normally Open Terminal 4.
9
B3
9
B3
NC4
Analog Switch 4. Normally Closed Terminal 4.
10
A3
10
A3
NO3
Analog Switch 3. Normally Open Terminal 3.
11
A4
11
A4
COM3
Analog Switch 3. Common Terminal 3.
12
B4
12
B4
NC3
Analog Switch 3. Normally Closed Terminal 3.
13
A5
CB34
Digital Control Input for Analog Switches 3 and 4
14
B5
CB12
Digital Control Input for Analog Switches 1 and 2
15
C4
15
C4
NC2
Analog Switch 2. Normally Closed Terminal 2.
16
C5
16
C5
COM2
Analog Switch 2. Common Terminal 2.
17
D5
17
D5
NO2
Analog Switch 2. Normally Open Terminal 2.
18
D4
18
D4
NC1
Analog Switch 1. Normally Closed Terminal 1.
19
E5
19
E5
NO1
Analog Switch 1. Normally Open Terminal 1.
20
E4
20
E4
COM1
Analog Switch 1. Common Terminal 2.
22
E3
22
E3
VCC
Positive Supply Voltage
23
E2
23
E2
COM6
Analog Switch 6. Common Terminal 6.
24
E1
24
E1
NO6
Analog Switch 6. Normally Open Terminal 6.
——
5
B1
EN
Enable-Logic In. Drive
EN high to set all switches into high-
impedance mode.
13
A5
N.C.
No Connection. Leave N.C. unconnected.
14
B5
CB
Digital Control Input for Analog Switches 1–6. Drive CB low to
connect COM_ to NC_ for all six switches. Drive CB high to connect
COM_ to NO_ for all six switches. CB is valid only when
EN is driven
low. If
EN is driven high then all switches are high impedance.
EP
EP
EP
Exposed Pad. Connect exposed pad to ground.


Similar Part No. - MAX4947

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX494 MAXIM-MAX494 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4940 MAXIM-MAX4940 Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
MAX4940A MAXIM-MAX4940A Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
MAX4940ACTN++ MAXIM-MAX4940ACTN+ Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
MAX4940CTN++ MAXIM-MAX4940CTN+ Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
More results

Similar Description - MAX4947

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
   SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
   SPDT Switch
logo
Sanyo Semicon Device
SPM3252 SANYO-SPM3252 Datasheet
18Kb / 3P
   SPDT Switch
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com