Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4947 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4947
Description  Hex SPDT Data Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4947 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4947 Datasheet HTML 1Page - Maxim Integrated Products MAX4947 Datasheet HTML 2Page - Maxim Integrated Products MAX4947 Datasheet HTML 3Page - Maxim Integrated Products MAX4947 Datasheet HTML 4Page - Maxim Integrated Products MAX4947 Datasheet HTML 5Page - Maxim Integrated Products MAX4947 Datasheet HTML 6Page - Maxim Integrated Products MAX4947 Datasheet HTML 7Page - Maxim Integrated Products MAX4947 Datasheet HTML 8Page - Maxim Integrated Products MAX4947 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Hex SPDT Data Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3V, TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.0V
All other pins to GND (Note 1) ......................-0.3V to VCC + 0.3V
Continuous Current
NO_, NC_, COM_ .......................................................±100mA
Peak Current NO_, NC_, COM_
(pulsed at 1ms, 50% Duty Cycle)................................±200mA
(pulsed at 1ms, 10% Duty Cycle)................................±300mA
Continuous Power Dissipation (TA = +70°C)
25-Bump UCSP (derate 12.2mW/°C above +70°C) ....976mW
24-Pin TQFN (derate 20.8mW/°C above +70°C) .......1667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ........................................................150°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering)
Infrared (15s) ...............................................................+220°C
Vapor Phase (60s) ...........................................................+215°C
Lead Temperature (soldering) .........................................+300°C
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Range
VCC
TMIN to
TMAX
1.8
5.5
V
VCC = 5.5V, VCB_ = 0V or VCC
1.0
VCC = 2.7V, VCB_ = 1.6V or 0.5V
5
Power-Supply Current
ICC
VCC = 5.5V, VCB_ = 1.6V or 0.5V
TMIN to
TMAX
10
µA
ANALOG SWITCH
Analog Signal Range
VNO_, VNC_,
VCOM_,
TMIN to
TMAX
0VCC
V
+25°C
4.0
5.5
On-Resistance (Note 4)
RON
VCC = 2.7V, ICOM_ = 10mA;
VNC_ or VNO_ = 0 or VCC
TMIN to
TMAX
6.5
Ω
+25°C
0.3
0.5
On-Resistance Match Between
Channels (Notes 4, 5)
ΔRON
VCC = 2.7V, ICOM_ = 10mA;
VNO_ or VNC_ = 0 or VCC
TMIN to
TMAX
0.6
Ω
+25°C
0.5
1
On-Resistance Flatness
(Notes 4, 6)
RFLAT
VCC = 2.7V, ICOM_ = 10mA;
VNC_ or VNO_ = 0 or VCC
TMIN to
TMAX
1.2
Ω
+25°C
-3
+3
NO_ or NC_ Off-Leakage
Current
INO_(OFF) or
INC_(OFF)
VCC = 3.6V; VCOM_ = 3.6V, 0;
VNO_ or VNC_ = 0, 3.6V
TMIN to
TMAX
-10
+10
nA
+25°C
-6
+6
COM_ On-Leakage Current
INO_(ON)
VCC = 3.6V; VCOM_ = 3.6V, 0;
VNO_ or VNC_ = 3.6V, 0 or
unconnected
TMIN to
TMAX
-10
+10
nA
Note 1: Signals on CB_, NO_, NC_, COM_,
EN exceeding VCC or GND are clamped by internal diodes. Limit forward-diode current
to maximum current rating.


Similar Part No. - MAX4947

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX494 MAXIM-MAX494 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4940 MAXIM-MAX4940 Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
MAX4940A MAXIM-MAX4940A Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
MAX4940ACTN++ MAXIM-MAX4940ACTN+ Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
MAX4940CTN++ MAXIM-MAX4940CTN+ Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
More results

Similar Description - MAX4947

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
   SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
   SPDT Switch
logo
Sanyo Semicon Device
SPM3252 SANYO-SPM3252 Datasheet
18Kb / 3P
   SPDT Switch
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com