Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64D64300HU-6-B Datasheet(PDF) 9 Page - Qimonda AG

Part # HYS64D64300HU-6-B
Description  42184-Pin Unbuffered Double-Data-Rate Memory Modules
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64D64300HU-6-B Datasheet(HTML) 9 Page - Qimonda AG

Back Button HYS64D64300HU-6-B Datasheet HTML 5Page - Qimonda AG HYS64D64300HU-6-B Datasheet HTML 6Page - Qimonda AG HYS64D64300HU-6-B Datasheet HTML 7Page - Qimonda AG HYS64D64300HU-6-B Datasheet HTML 8Page - Qimonda AG HYS64D64300HU-6-B Datasheet HTML 9Page - Qimonda AG HYS64D64300HU-6-B Datasheet HTML 10Page - Qimonda AG HYS64D64300HU-6-B Datasheet HTML 11Page - Qimonda AG HYS64D64300HU-6-B Datasheet HTML 12Page - Qimonda AG HYS64D64300HU-6-B Datasheet HTML 13Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Internet Data Sheet
Rev. 1.22, 2007-01
9
03292006-CXBY-V2JX
HYS[64/72]D[32/64/128]xxx[G/H]U–[5/6]–B
Unbuffered DDR SDRAM Modules
135
CB5
I/O
SSTL
Check Bit 5
Note: ECC type module
NC
NC
Note: Non-ECC module
142
CB6
I/O
SSTL
Check Bit 6
Note: ECC type module
NC
NC
Note: Non-ECC module
144
CB7
I/O
SSTL
Check Bit 7
Note: ECC type module
NC
NC
Note: Non-ECC module
5
DQS0
I/O
SSTL
Data Strobe Bus 7:0
14
DQS1
I/O
SSTL
25
DQS2
I/O
SSTL
36
DQS3
I/O
SSTL
56
DQS4
I/O
SSTL
67
DQS5
I/O
SSTL
78
DQS6
I/O
SSTL
86
DQS7
I/O
SSTL
47
DQS8
I/O
SSTL
Data Strobe 8
Note: ECC type module
NC
NC
Note: Non-ECC module
97
DM0
I
SSTL
Data Mask Bus 7:0
107
DM1
I
SSTL
119
DM2
I
SSTL
129
DM3
I
SSTL
149
DM4
I
SSTL
159
DM5
I
SSTL
169
DM6
I
SSTL
177
DM7
I
SSTL
140
DM8
I
SSTL
Data Mask 8
Note: ECC type module
NC
NC
Note: Non-ECC module
EEPROM
92
SCL
I
CMOS
Serial Bus Clock
91
SDA
I/O
OD
Serial Bus Data
181
SA0
I
CMOS
Slave Address Select Bus 2:0
182
SA1
I
CMOS
183
SA2
I
CMOS
Power Supplies
1
V
REF
AI
I/O Reference Voltage
184
V
DDSPD
PWR
EEPROM Power Supply
Pin#
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYS64D64300HU-6-B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D64300HU-6-B INFINEON-HYS64D64300HU-6-B Datasheet
1Mb / 40P
   184-Pin Unbuffered Dual-In-Line Memory Modules
Rev. 1.0, May. 2004
More results

Similar Description - HYS64D64300HU-6-B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16301GU5C INFINEON-HYS64D16301GU5C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
logo
Qimonda AG
HYS64D32301HU QIMONDA-HYS64D32301HU Datasheet
1Mb / 39P
   184-Pin Unbuffered Double Data Rate SDRAM
logo
Infineon Technologies A...
HYS72D256520GR INFINEON-HYS72D256520GR Datasheet
638Kb / 25P
   184 Pin Registered Double Data Rate SDRAM Modules
Rev. 1.02, Dec. 2003
HYS72D32300GBR-5-B INFINEON-HYS72D32300GBR-5-B Datasheet
843Kb / 48P
   184 - Pin Registered Double Data Rate SDRAM Modules
Rev. 1.1, Apr. 2004
HYS64D16301HU-5-C INFINEON-HYS64D16301HU-5-C Datasheet
937Kb / 35P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.0, July 2003
HYS64D16301GU INFINEON-HYS64D16301GU Datasheet
1Mb / 51P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.1, July 2003
HYS64D64300GU INFINEON-HYS64D64300GU Datasheet
1Mb / 40P
   184-Pin Unbuffered Dual-In-Line Memory Modules
Rev. 1.0, May. 2004
HYS72D128300GBR INFINEON-HYS72D128300GBR Datasheet
1Mb / 45P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 0.5, Dec. 2003
HYS72D32300GBR INFINEON-HYS72D32300GBR Datasheet
1Mb / 38P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 1.0, Mar. 2004
logo
Qimonda AG
HYS72D64301 QIMONDA-HYS72D64301 Datasheet
2Mb / 51P
   184 - Pin Registered Double-Data-Rate SDRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com