Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72T64000HU Datasheet(PDF) 3 Page - Qimonda AG

Part # HYS72T64000HU
Description  240-Pin Unbuffered DDR2 SDRAM Modules
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T64000HU Datasheet(HTML) 3 Page - Qimonda AG

  HYS72T64000HU Datasheet HTML 1Page - Qimonda AG HYS72T64000HU Datasheet HTML 2Page - Qimonda AG HYS72T64000HU Datasheet HTML 3Page - Qimonda AG HYS72T64000HU Datasheet HTML 4Page - Qimonda AG HYS72T64000HU Datasheet HTML 5Page - Qimonda AG HYS72T64000HU Datasheet HTML 6Page - Qimonda AG HYS72T64000HU Datasheet HTML 7Page - Qimonda AG HYS72T64000HU Datasheet HTML 8Page - Qimonda AG HYS72T64000HU Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
Internet Data Sheet
Rev. 1.41, 2007-05
3
03292006-EZUJ-JY4S
HYS[64/72]T[32/64/128]xx0HU–[3/3S/3.7/5]–A
Unbuffered DDR2 SDRAM Modules
1Overview
This chapter gives an overview of the 240-Pin Unbuffered DDR2 SDRAM Modules product family and describes its main
characteristics.
1.1
Features
• 240-Pin PC2-5300, PC2-4200 and PC2-3200 DDR2
SDRAM memory modules for use as main memory when
installed in systems such as mobile personal computers.
• 32M
× 64, 64M × 64, 64M × 72, 128M × 64, 128M × 72
module organization, and 32M
× 16, 64M × 8 chip
organization
• 256 MByte, 512 MByte and 1 GByte modules built with
512-Mbit DDR2 SDRAMs in P-TFBGA-60 and P-TFBGA-
84 chipsize packages
• All Speed grades faster than DDR2-400 comply with
DDR2-400 timing specifications.
• Standard Double-Data-Rate-Two Synchronous DRAMs
(DDR2 SDRAM) with a single + 1.8 V (± 0.1 V) power
supply
• Programmable CAS Latencies (3, 4 and 5), Burst Length
(8 & 4) and Burst Type
• Auto Refresh (CBR) and Self Refresh
• All inputs and outputs SSTL_1.8 compatible
• Off-Chip Driver Impedance Adjustment (OCD) and On-Die
Termination (ODT)
• Serial Presence Detect with E2PROM
• Dimensions (nominal): 30 mm high, 133.35 mm wide
• Based on standard reference layouts Raw Card “A”,
“B”“C“,”D”,”E”,”F” and “G“
• RoHS compliant products1)
TABLE 1
Performance table for –3(S)
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
Product Type Speed Code
–3
–3S
Unit
Speed Grade
PC2–5300 4–4–4
PC2–5300 5–5–5
Max. Clock Frequency
@CL5
f
CK5
333
333
MHz
@CL4
f
CK4
333
266
MHz
@CL3
f
CK3
200
200
MHz
Min. RAS-CAS-Delay
t
RCD
12
15
ns
Min. Row Precharge Time
t
RP
12
15
ns
Min. Row Active Time
t
RAS
45
45
ns
Min. Row Cycle Time
t
RC
57
60
ns


Similar Part No. - HYS72T64000HU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T64000HU INFINEON-HYS72T64000HU Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS72T64000HU QIMONDA-HYS72T64000HU Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS72T64000HU-2.5-B QIMONDA-HYS72T64000HU-2.5-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS72T64000HU-25F-B QIMONDA-HYS72T64000HU-25F-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS72T64000HU-3-B QIMONDA-HYS72T64000HU-3-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
More results

Similar Description - HYS72T64000HU

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T32000GU INFINEON-HYS64T32000GU Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS64T32000EU-25F-B2 QIMONDA-HYS64T32000EU-25F-B2 Datasheet
5Mb / 95P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T256020EU-25F-B QIMONDA-HYS64T256020EU-25F-B Datasheet
3Mb / 60P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T16000HU QIMONDA-HYS64T16000HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000HU-25F-B QIMONDA-HYS64T32000HU-25F-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com