Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4050BEM3-4.1-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # LM4050BEM3-4.1-T
Description  50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050BEM3-4.1-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  LM4050BEM3-4.1-T Datasheet HTML 1Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 2Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 3Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 4Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 5Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 6Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 7Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 8Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—1.225V
(IR = 100µA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Reverse Current (cathode to anode) ..................................20mA
Forward Current (anode to cathode) ..................................10mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.17mW/°C above +70°C) ............174mW
3-Pin SOT23 (derate 4.01mW/°C above +70°C)..........320mW
Operating Temperature Range
LM4050/LM4051_E_ _ _ ................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s)..................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LM4051A (0.1%)
1.2238
1.2250
1.2262
LM4051B (0.2%)
1.2226
1.2250
1.2275
Reverse Breakdown Voltage
VR
TA = +25
°C
LM4051C (0.5%)
1.2189
1.2250
1.2311
V
LM4051A
±1.2
±7
LM4051B
±2.4
±9
Reverse Breakdown Voltage
Tolerance (Note 2)
VRTOL
LM4051C
±6.0
±12
mV
Minimum Operating Current
IRMIN
45
60
µA
IR = 10mA
±20
IR = 1mA
±15
±50
Average Reverse Voltage
Temperature Coefficient
(Notes 2, 3)
∆VR/∆T
IR = 100µA
±15
ppm/
°C
IRMIN
≤ IR ≤ 1mA
0.7
1.5
Reverse Breakdown Voltage
Change with Operating
Current Change
1mA
≤ IR ≤ 12mA
2.5
8.0
mV
Reverse Dynamic
Impedance (Note 3)
ZR
IR = 1mA, f = 120Hz, IAC = 0.1IR
0.5
1.5
Wideband Noise
eN
IR = 100µA, 10Hz
≤ f ≤ 10kHz
20
µVRMS
Reverse Breakdown Voltage
Long-Term Stability
∆VR
T = 1000h
120
ppm


Similar Part No. - LM4050BEM3-4.1-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4050BEM3-4.1 NSC-LM4050BEM3-4.1 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4050BEM3-4.1 TI1-LM4050BEM3-4.1 Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4050BEM3-4.1 TI-LM4050BEM3-4.1 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050BEM3-4.1 TI-LM4050BEM3-4.1 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
logo
Maxim Integrated Produc...
LM4050BEM3-4.1+T MAXIM-LM4050BEM3-4.1+T Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
More results

Similar Description - LM4050BEM3-4.1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
   50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138 MAXIM-MAX6138 Datasheet
331Kb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 2; 4/04
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com