Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1C1040290 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # MM1C1040290
Description  10 Channel Mux/Demux with low-loss express; 100GHz Channels
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

MM1C1040290 Datasheet(HTML) 1 Page - Bookham, Inc.

  MM1C1040290 Datasheet HTML 1Page - Bookham, Inc. MM1C1040290 Datasheet HTML 2Page - Bookham, Inc. MM1C1040290 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features:
• Passive operation
• Flexible upgrade path to 40 channels
• Flat pass band design
• Low loss express using 10-skip-0 filter
• 27.5 GHz clear pass band
• Low loss (<4.0dB)
• High adjacent channel isolation
• -5 to 70°C operating temperature
• Compact Size (120x80x14mm)
• Telecordia GR-1221 qualified
• RoHS compliant
Options:
• Ribbon connectors
• Uniform loss or matched mux/demux loss
• Optical monitor ports
• OADM function
• Without 10-skip-0 filter
• Rack mount or LGX enclosure
Applications:
• Metro and long-haul mux/demux
• OADM nodes
• Subsystem building block
Example Performance:
Data Sheet
1
Bookham offers a high performance 10 channel multiplexer or
demultiplexer solution for 100 GHz channels. This product
uses Bookham proprietary Advanced Energetic Disposition
(AED) thin film deposition technology for superior performance.
The Bookham 10 channel solutions offer an ideal combination
of fully passive operation, low loss, compact size, wide
channel pass bands and an upgrade path to 40 channels.
Insertion loss of <4.0dB is achieved in the uniform loss version
of the product. Matched mux-demux pairs are offered with
typical back-to-back insertion loss of 5dB. Ribbon connector
options are available for easy interconnection to the rest of the
system. Thin film technology provides a flat-topped pass band
design that allows for less stringent control of the laser
wavelength over the system lifetime.
These flexible upgrade modules use the Bookham 10-skip-0
banded upgrade port. The 10-skip-0 filter passes ten 100GHz
spaced channels to the ITU channel filters. The same filter
reflects all remaining channels onto the express port with very
low loss. Modules can be cascaded to form 20, 30, or 40
channel filter solutions. The 10 skip 0 banded port also
allows optical add drop multiplexing (OADM) functionality
for this module.
10 Channel Mux/Demux with low-loss express;
100GHz Channels


Similar Part No. - MM1C1040290

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
MM1C4020029 BOOKHAM-MM1C4020029 Datasheet
300Kb / 3P
   40 Channel Mux/Demux with 100GHz Channels
MM1C40200291 BOOKHAM-MM1C40200291 Datasheet
300Kb / 3P
   40 Channel Mux/Demux with 100GHz Channels
MM1C40210291 BOOKHAM-MM1C40210291 Datasheet
300Kb / 3P
   40 Channel Mux/Demux with 100GHz Channels
More results

Similar Description - MM1C1040290

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
MD1C08XX0289 BOOKHAM-MD1C08XX0289 Datasheet
219Kb / 3P
   8 Channel Mux/Demux with low-loss express; 100GHz Channels
MM1C4020029 BOOKHAM-MM1C4020029 Datasheet
300Kb / 3P
   40 Channel Mux/Demux with 100GHz Channels
logo
Finisar Corporation.
FWSF-D-40-M FINISAR-FWSF-D-40-M Datasheet
263Kb / 3P
   40 channels 100G DWDM MUX/DEMUX Module
logo
Pericom Semiconductor C...
PI3PCIE3422 PERICOM-PI3PCIE3422 Datasheet
791Kb / 9P
   3.3V, PCI Express 3.0 2-Lane, (4-Channel), Differential Mux/Demux with Bypass
PI2PCIE2422 PERICOM-PI2PCIE2422 Datasheet
683Kb / 10P
   PCI Express Gen II, 2-lane (4-channel), Differential Mux/Demux with Bypass
logo
ON Semiconductor
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
   4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
   4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
logo
Unisonic Technologies
US5V330 UTC-US5V330 Datasheet
170Kb / 6P
   WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com