Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64T128020HU-25F-B Datasheet(PDF) 3 Page - Qimonda AG

Part # HYS64T128020HU-25F-B
Description  240-Pin unbuffered DDR2 SDRAM Modules
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T128020HU-25F-B Datasheet(HTML) 3 Page - Qimonda AG

  HYS64T128020HU-25F-B Datasheet HTML 1Page - Qimonda AG HYS64T128020HU-25F-B Datasheet HTML 2Page - Qimonda AG HYS64T128020HU-25F-B Datasheet HTML 3Page - Qimonda AG HYS64T128020HU-25F-B Datasheet HTML 4Page - Qimonda AG HYS64T128020HU-25F-B Datasheet HTML 5Page - Qimonda AG HYS64T128020HU-25F-B Datasheet HTML 6Page - Qimonda AG HYS64T128020HU-25F-B Datasheet HTML 7Page - Qimonda AG HYS64T128020HU-25F-B Datasheet HTML 8Page - Qimonda AG HYS64T128020HU-25F-B Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
Internet Data Sheet
Rev. 1.3, 2006-12
3
03292006-6GMD-RSFT
HYS[64/72]T[32/64/128]xx0HU-[25F/2.5/3/3S/3.7/5]-B
Unbuffered DDR2 SDRAM Module
1Overview
This chapter gives an overview of the 240-Pin unbuffered DDR2 SDRAM Modules product family and describes its main
characteristics.
1.1
Features
Feature list and performance tables
• 240-Pin PC2–6400, PC2–5300, PC2–4200 and
PC2–3200 DDR2 SDRAM memory modules.
• 32M
× 64, 64M × 64, 64M × 72, 128M × 64 and 128M ×72
module organization and 32M
× 16, 64M × 8 chip
organization
• Standard Double-Data-Rate-Two Synchronous DRAMs
(DDR2 SDRAM) with a single + 1.8 V (± 0.1 V) power
supply
• 256MB, 512MB and 1GB modules built with 512-Mbit
DDR2 SDRAMs in P-TFBGA-84 and P-TFBGA-60
chipsize packages
• All speed grades faster than DDR2–400 comply with
DDR2–400 timing specifications.
• Programmable CAS Latencies (3, 4 and 5),
Burst Length (8 & 4) and Burst Type
• Auto Refresh (CBR) and Self Refresh
• Programmable self refresh rate via EMRS2 setting
• Programmable partial array refresh via EMRS2 settings
• Average Refresh Period 7.8
µs at a T
CASE lower than
85 °C, 3.9
µs between 85 °C and 95 °C.
• DCC enabling via EMRS2 setting
• All inputs and outputs SSTL_1.8 compatible
• Off-Chip Driver Impedance Adjustment (OCD) and
On-Die Termination (ODT)
• Serial Presence Detect with E2PROM
• UDIMM Dimensions (nominal):
30 mm high, 133.35 mm wide
• Based on standard reference layouts Raw Card “C”,
“D”,”E”,”F” and “G“
• RoHS compliant products1)
TABLE 1
Performance Table
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
Product Type Speed Code
–25F
–2.5
–3
–3S
–3.7
–5
Unit
Speed Grade
PC2–6400
5–5–5
PC2–6400
6–6–6
PC2–5300
4–4–4
PC2–5300
5–5–5
PC2–4200
4–4–4
PC2–3200
3–3–3
Max. Clock Frequency @CL6
f
CK6
400
400
——
——
MHz
@CL5
f
CK5
400
333
333
333
266
200
MHz
@CL4
f
CK4
266
266
333
266
266
200
MHz
@CL3
f
CK3
200
200
200
200
200
200
MHz
Min. RAS-CAS-Delay
t
RCD
12.5
15
12
15
15
15
ns
Min. Row Precharge Time
t
RP
12.5
15
12
15
15
15
ns
Min. Row Active Time
t
RAS
45
45
45
45
45
40
ns
Min. Row Cycle Time
t
RC
57.5
60
57
60
60
55
ns


Similar Part No. - HYS64T128020HU-25F-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T128020HU-3-A QIMONDA-HYS64T128020HU-3-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T128020HU-3.7-A QIMONDA-HYS64T128020HU-3.7-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T128020HU-37-A INFINEON-HYS64T128020HU-37-A Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS64T128020HU-3S-A QIMONDA-HYS64T128020HU-3S-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T128020HU-5-A INFINEON-HYS64T128020HU-5-A Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
More results

Similar Description - HYS64T128020HU-25F-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T32000GU INFINEON-HYS64T32000GU Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS64T32000EU-25F-B2 QIMONDA-HYS64T32000EU-25F-B2 Datasheet
5Mb / 95P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T256020EU-25F-B QIMONDA-HYS64T256020EU-25F-B Datasheet
3Mb / 60P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T16000HU QIMONDA-HYS64T16000HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000HU-3-A QIMONDA-HYS64T32000HU-3-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com