Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPSS0113SMB Datasheet(PDF) 7 Page - Tyco Electronics

Part # MAAPSS0113SMB
Description  DECT Power Amplifier 1880 - 1930 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0113SMB Datasheet(HTML) 7 Page - Tyco Electronics

  MAAPSS0113SMB Datasheet HTML 1Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 2Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 3Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 4Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 5Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 6Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
7
DECT Power Amplifier
1880 - 1930 MHz
M/A-COM Products
Rev. V1
MAAPSS0113
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Lead-Free
3 mm 12-lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - MAAPSS0113SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0111 MACOM-MAAPSS0111 Datasheet
145Kb / 6P
   1.25 W VSAT Power Amplifier 13.75-14.5 GHz
MAAPSS0111SMB MACOM-MAAPSS0111SMB Datasheet
145Kb / 6P
   1.25 W VSAT Power Amplifier 13.75-14.5 GHz
MAAPSS0111TR-3000 MACOM-MAAPSS0111TR-3000 Datasheet
145Kb / 6P
   1.25 W VSAT Power Amplifier 13.75-14.5 GHz
More results

Similar Description - MAAPSS0113SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0071 MACOM-MAAPSS0071 Datasheet
237Kb / 5P
   DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076 MACOM-MAAPSS0076 Datasheet
238Kb / 6P
   DECT Power Amplifier 1880 - 1930 MHz
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
   DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076 MA-COM-MAAPSS0076 Datasheet
168Kb / 6P
   DECT Power Amplifier 1880 - 1930 MHz
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
   PHS Power Amplifier 1880 - 1930 MHz
logo
Tyco Electronics
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
   3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
logo
Stealth Microwave, Inc.
SM1920-52LD STEALTH_MICROWAVE-SM1920-52LD Datasheet
150Kb / 3P
   1930 - 1990 MHz 160 Watt Power Amplifier
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
   1805 - 1880 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
   DECT Power Amplifier
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
   DECT Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com