Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4050CEM3-2.5-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # LM4050CEM3-2.5-T
Description  50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050CEM3-2.5-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button LM4050CEM3-2.5-T Datasheet HTML 3Page - Maxim Integrated Products LM4050CEM3-2.5-T Datasheet HTML 4Page - Maxim Integrated Products LM4050CEM3-2.5-T Datasheet HTML 5Page - Maxim Integrated Products LM4050CEM3-2.5-T Datasheet HTML 6Page - Maxim Integrated Products LM4050CEM3-2.5-T Datasheet HTML 7Page - Maxim Integrated Products LM4050CEM3-2.5-T Datasheet HTML 8Page - Maxim Integrated Products LM4050CEM3-2.5-T Datasheet HTML 9Page - Maxim Integrated Products LM4050CEM3-2.5-T Datasheet HTML 10Page - Maxim Integrated Products LM4050CEM3-2.5-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
_______________________________________________________________________________________
7
Note 1: All devices are 100% production tested at +25°C and are guaranteed by design for TA = TMIN to TMAX, as specified.
Note 2: The limit over the full temperature range for the reverse breakdown voltage tolerance is defined as:
[VRTOL] ±[(
∆VR / ∆T) X (max∆T) X (VR)]
where
∆VR / ∆T is the VR temperature coefficient, max∆T is the difference from the +25°C reference point to TMIN or TMAX,
and VR is the reverse breakdown voltage.
The total tolerance over the full temperature range for the different grades where max
∆T = +100°C is shown below:
• A grade: ±0.6% = ±0.1% ±50ppm/°C 100°C
• B grade: ±0.7% = ±0.2% ±50ppm/°C 100°C
• C grade: ±1.0% = ±0.5% ±50ppm/°C 100°C
Note 3: Guaranteed by design.
ELECTRICAL CHARACTERISTICS—5.000V
(IR = 100µA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LM4050A (0.1%)
4.9950
5.0000
5.0050
LM4050B (0.2%)
4.9900
5.0000
5.0100
Reverse Breakdown Voltage
VR
TA = +25
°C
LM4050C (0.5%)
4.9750
5.0000
5.0250
V
LM4050A
±5.0
±30
LM4050B
±10
±35
Reverse Breakdown Voltage
Tolerance (Note 2)
VRTOL
LM4050C
±25
±50
mV
Minimum Operating Current
IRMIN
54
80
µA
IR = 10mA
±30
IR = 1mA
±20
±50
Average Reverse Voltage
Temperature Coefficient
(Notes 2, 3)
∆VR/∆T
IR = 100µA
±15
ppm/
°C
IRMIN
≤ IR ≤ 1mA
0.5
1.4
Reverse Breakdown Voltage
Change with Operating
Current Change
1mA
≤ IR ≤ 15mA
3.5
12.0
mV
Reverse Dynamic
Impedance (Note 3)
ZR
IR = 1mA, f = 120Hz, IAC = 0.1IR
0.5
1.1
Wideband Noise
eN
IR = 100µA, 10Hz
≤ f ≤ 10kHz
80
µVRMS
Reverse Breakdown Voltage
Long-Term Stability
∆VR
T = 1000h
120
ppm


Similar Part No. - LM4050CEM3-2.5-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4050CEM3-2.5 NSC-LM4050CEM3-2.5 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4050CEM3-2.5 TI1-LM4050CEM3-2.5 Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4050CEM3-2.5 TI-LM4050CEM3-2.5 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050CEM3-2.5 TI-LM4050CEM3-2.5 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050CEM3-2.5 TI1-LM4050CEM3-2.5 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050CEM3-2.5-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
   50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138 MAXIM-MAX6138 Datasheet
331Kb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 2; 4/04
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com