Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4050BEM3-2.5-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # LM4050BEM3-2.5-T
Description  50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050BEM3-2.5-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button LM4050BEM3-2.5-T Datasheet HTML 6Page - Maxim Integrated Products LM4050BEM3-2.5-T Datasheet HTML 7Page - Maxim Integrated Products LM4050BEM3-2.5-T Datasheet HTML 8Page - Maxim Integrated Products LM4050BEM3-2.5-T Datasheet HTML 9Page - Maxim Integrated Products LM4050BEM3-2.5-T Datasheet HTML 10Page - Maxim Integrated Products LM4050BEM3-2.5-T Datasheet HTML 11Page - Maxim Integrated Products LM4050BEM3-2.5-T Datasheet HTML 12Page - Maxim Integrated Products LM4050BEM3-2.5-T Datasheet HTML 13Page - Maxim Integrated Products LM4050BEM3-2.5-T Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
______________________________________________________________________________________
11
Detailed Description
The LM4050/LM4051 shunt references use the
bandgap principle to produce a stable, accurate volt-
age. The device behaves similarly to an ideal zener
diode; a fixed voltage is maintained across its output
terminals when biased with 60µA to 15mA of reverse
current. The LM4050/LM4051 clamps to a voltage of
one diode drop below ground when biased with for-
ward currents up 10mA.
Figure 3 shows a typical operating circuit. The
LM4050/LM4051 are ideal for providing stable refer-
ences from a high-voltage power supply.
Applications Information
The LM4050/LM4051s’ internal pass transistors are used
to maintain a constant output voltage (VSHUNT) by sinking
the necessary amount of current across a source resistor.
The source resistance (RS) is determined from the load
current (ILOAD) range, supply voltage (VS) variations,
VSHUNT, and desired quiescent current.
Choose the value of RS when VS is at a minimum and ILOAD
is at a maximum. Maintain a minimum ISHUNT of 60µA at all
times. The RS value should be large enough to keep
ISHUNT less than 15mA for proper regulation when VS is
maximum and ILOAD is at a minimum. To prevent damage
to the device, ISHUNT should never exceed 20mA.
Therefore, the value of RS is bounded by the following
equation:
[VS(MIN) - VR ] / [60µA + ILOAD(MAX)] > RS >
[VS(MAX) - VR ] / [20mA + ILOAD(MIN)]
Choosing a larger resistance minimizes the total power dis-
sipation in the circuit by reducing the shunt current
(PD(TOTAL) = VS ISHUNT). Provide a safety margin to
incorporate the worst-case tolerance of the resistor used.
Ensure that the resistor’s power rating is adequate, using
the following general power equation:
PDR = ISHUNT (VS(MAX) - VSHUNT)
Output Capacitance
The LM4050/LM4051 do not require external capacitors
for frequency stability and are stable for any output
capacitance.
Temperature Performance
The LM4050/LM4051 typically exhibit output voltage
temperature coefficients within ±15ppm/°C. The polari-
ty of the temperature coefficients may be different from
one device to another; some may have positive coeffi-
cients, and others may have negative coefficients.
High Temperature Operation
The maximum junction temperature of the LM4050/
LM4051 is +150°C. The maximum operating temperature
for the LM4050/LM4051_E_ is +125°C. At a maximum
load current of 15mA and a maximum output voltage of
5V, the parts dissipate 75mW of power. The power dissi-
pation limits of the 3-pin SC70 call for a derating value of
2.17mW/°C above +70°C and thus for 75mW of power
dissipation, the parts self-heat to 35.56°C above ambient
temperature. If the ambient temperature is +125°C, the
parts operate at 159.56°C, thereby exceeding the maxi-
mum junction temperature value of +150°C. For high-
temperature operation, care must be taken to ensure the
combination of ambient temperature, output power dissi-
pation, and package thermal resistance does not con-
spire to raise the device temperature beyond that listed
in the Absolute Maximum Ratings. Either reduce the out-
put load current or the ambient temperature to keep the
part within the limits.
Figure 3. Typical Operating Circuit
LM4050/LM4051
ILOAD
ISHUNT
RS
VS
VR
ISHUNT + ILOAD
Pin Description
PIN
NAME
FUNCTION
1
+
Positive Terminal of the Shunt Reference
2
Negative Terminal of the Shunt Reference
3
N.C.
No connection. Leave this pin unconnected or connected to pin 2.
Chip Information
TRANSISTOR COUNT: 60
PROCESS: BiCMOS


Similar Part No. - LM4050BEM3-2.5-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4050BEM3-2.5 NSC-LM4050BEM3-2.5 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4050BEM3-2.5 TI1-LM4050BEM3-2.5 Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4050BEM3-2.5 TI-LM4050BEM3-2.5 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050BEM3-2.5 TI-LM4050BEM3-2.5 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050BEM3-2.5 TI1-LM4050BEM3-2.5 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050BEM3-2.5-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
   50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138 MAXIM-MAX6138 Datasheet
331Kb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 2; 4/04
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com