Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72T64020HU-3-A Datasheet(PDF) 5 Page - Qimonda AG

Part # HYS72T64020HU-3-A
Description  240-Pin Unbuffered DDR2 SDRAM Modules
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T64020HU-3-A Datasheet(HTML) 5 Page - Qimonda AG

  HYS72T64020HU-3-A Datasheet HTML 1Page - Qimonda AG HYS72T64020HU-3-A Datasheet HTML 2Page - Qimonda AG HYS72T64020HU-3-A Datasheet HTML 3Page - Qimonda AG HYS72T64020HU-3-A Datasheet HTML 4Page - Qimonda AG HYS72T64020HU-3-A Datasheet HTML 5Page - Qimonda AG HYS72T64020HU-3-A Datasheet HTML 6Page - Qimonda AG HYS72T64020HU-3-A Datasheet HTML 7Page - Qimonda AG HYS72T64020HU-3-A Datasheet HTML 8Page - Qimonda AG HYS72T64020HU-3-A Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
Internet Data Sheet
Rev. 1.41, 2006-11
5
03062006-0GN5-WTPW
HYS[64/72]T[16/32/64]0xxHU–[2.5/../5]–A
Unbuffered DDR2 SDRAM Modules
TABLE 3
Address Format
TABLE 4
Components on Modules
PC2–3200
HYS64T16000HU–5–A
128MB 1Rx16 PC2–3200U–333–11–C1
1 Rank, Non-ECC
256 Mbit (x16)
HYS64T32001HU–5–A
256MB 1Rx8 PC2–3200U–333–11–A1
1 Rank, Non-ECC
256 Mbit (x8)
HYS72T32000HU–5–A
256MB 1Rx8 PC2–3200E–333–11–A1
1 Rank, ECC
256 Mbit (x8)
1) All product types end with a place code, designating the silicon die revision. Example: HYS64T16000HU–3.7–A, indicating Rev. “A” dies
are used for DDR2 SDRAM components. For all QIMONDA DDR2 module and component nomenclature see Chapter 6 of this data sheet.
2) The Compliance Code is printed on the module label and describes the speed grade, for example “PC2–4200U–444–11–C1”, where
4200U means Unbuffered DIMM modules with 4.26 GB/sec Module Bandwidth and “444-11” means Column Address Strobe (CAS)
latency = 4, Row Column Delay (RCD) latency = 4 and Row Precharge (RP) latency = 4 using the latest JEDEC SPD Revision 1.1 and
produced on the Raw Card “C”.
DIMM
Density
Module
Organization
Memory
Ranks
ECC/
Non-ECC
# of SDRAMs # of row/bank/column
bits
Raw
Card
128 MByte
16M
× 64
1
Non-ECC
4
13/2/9
C
256 MByte
32M
× 64
1
Non-ECC
8
13/2/10
A,D
32M
× 72
1
ECC
9
13/2/10
A,F
512 MByte
64M
× 64
2
Non-ECC
16
13/2/10
E
64M
× 72
2
ECC
18
13/2/10
G
Product Type1)
1) Green Product
DRAM Components1)
DRAM Density
DRAM Organisation
Note2)
2) For a detailed description of all functionalities of the DRAM components on these modules see the component data sheet.
HYS64T16000HU
HYB18T256160AF
256 Mbit
16M
× 16
HYS64T32001HU
HYB18T256800AF
256 Mbit
32M
× 8
HYS64T64020HU
HYB18T256800AF
256 Mbit
32M
× 8
HYS72T32000HU
HYB18T256800AF
256 Mbit
32M
× 8
HYS72T64020HU
HYB18T256800AF
256 Mbit
32M
× 8
Product Type1)
Compliance Code2)
Description
SDRAM Technology


Similar Part No. - HYS72T64020HU-3-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T64020HR QIMONDA-HYS72T64020HR Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64020HR-2.5-A QIMONDA-HYS72T64020HR-2.5-A Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64020HR-3-A QIMONDA-HYS72T64020HR-3-A Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64020HR-3.7-A QIMONDA-HYS72T64020HR-3.7-A Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64020HR-3S-A QIMONDA-HYS72T64020HR-3S-A Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
More results

Similar Description - HYS72T64020HU-3-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T32000GU INFINEON-HYS64T32000GU Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS64T32000EU-25F-B2 QIMONDA-HYS64T32000EU-25F-B2 Datasheet
5Mb / 95P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T256020EU-25F-B QIMONDA-HYS64T256020EU-25F-B Datasheet
3Mb / 60P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T32000HU-25F-B QIMONDA-HYS64T32000HU-25F-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T32000HU-3-A QIMONDA-HYS64T32000HU-3-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com