Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMDS251 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS251
Description  2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS251 Datasheet(HTML) 1 Page - Texas Instruments

  TMDS251 Datasheet HTML 1Page - Texas Instruments TMDS251 Datasheet HTML 2Page - Texas Instruments TMDS251 Datasheet HTML 3Page - Texas Instruments TMDS251 Datasheet HTML 4Page - Texas Instruments TMDS251 Datasheet HTML 5Page - Texas Instruments TMDS251 Datasheet HTML 6Page - Texas Instruments TMDS251 Datasheet HTML 7Page - Texas Instruments TMDS251 Datasheet HTML 8Page - Texas Instruments TMDS251 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
STB
DigitalTV
DVDPlayer
TMDS251
2-to-1
PHY SX
TMDS251
SLLS852 – AUGUST 2007
www.ti.com
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
5-V Fixed Supply to HPD, DDC, and Source
Selection Circuits
Compatible with HDMI 1.3a
64-Pin TQFP Package
Supports 2.5 Gbps Signaling Rate for 480i/p,
720i/p, and 1080i/p Resolutions up to 12-Bit
Footprint Compatible with 3-to-1 Switch
Color Depth
TMDS351 with Port 3 Disabled
Integrated Switchable Receiver Termination
ROHS Compatible and 260
°C Reflow Rated
Selectable Receiver Equalization to
TMDS250 is Available with Port 1 Disabled
Accommodate to Different Input Cable
and Ports 2 and 3 Enabled
Lengths
Supports 5-V to 3.3-V Level Shifting on DDC
Intra-Pair Skew < 40 ps
Links
Inter-Pair Skew < 65 ps
HBM ESD Protection Exceeds 8 kV to TMDS
Digital TV
Inputs
Digital Projector
3.3-V Fixed Supply to TMDS I/Os
The TMDS251 is a 2-port digital video interface (DVI) or high-definition multimedia interface (HDMI) switch that
allows up to 2 DVI or HDMI ports to be switched to a single display terminal. Four TMDS channels, one hot plug
detector, and a digital display control (DDC) interface are supported on each port. Each TMDS channel supports
signaling rates up to 2.5 Gbps to allow 1080p resolution in 12-bit color depth.
The input port is enabled by configuring source selectors, S1 and S2. When an input port is selected, the TMDS
inputs are connected to the TMDS outputs through a 2-to-1 multiplexer, the MOSFET between the input DDC
channel and the output DDC channel is turned on, and the HPD output follows the state of the HPD_SINK. The
other input port is inactive with disconnected input terminations, disconnected TMDS inputs to the outputs,
disconnected DDC inputs to the outputs, and the HPD outputs are low state. Check the source selection look up
table for the details of port selections.
When S1 is high and S2 is low, all input terminations are disconnected, TMDS inputs are high impedance with
standard TMDS terminations, all internal MOSFETs are turned off to disable the DDC links, and all HPD outputs
are connected to the HPD_SINK. This allows the initiation of the HDMI physical address discovery process.
Termination resistors (50-
Ω), pulled up to VCC, are integrated at each TMDS receiver input. External terminations
are not required. A precision resistor is connected externally from the VSADJ pin to ground for setting the
differential output voltage to be compliant with the TMDS standard.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMDS251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250PAGR TI-TMDS250PAGR Datasheet
674Kb / 26P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
More results

Similar Description - TMDS251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS351 TI-TMDS351 Datasheet
533Kb / 25P
[Old version datasheet]   2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341 TI-TMDS341 Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
logo
Analog Devices
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com