Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBD2835LT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBD2835LT3G
Description  Monolithic Dual Switching Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBD2835LT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBD2835LT3G Datasheet HTML 1Page - Leshan Radio Company LMBD2835LT3G Datasheet HTML 2Page - Leshan Radio Company LMBD2835LT3G Datasheet HTML 3Page - Leshan Radio Company LMBD2835LT3G Datasheet HTML 4Page - Leshan Radio Company LMBD2835LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
2/3
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (I
F ) of 10mA.
Notes: 2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
Notes: 3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
+10 V
2.0 k
820
100
µH
0.1
µF
DUT
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
t
r
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC)
= 1.0 mA
OUTPUT PULSE
(I
F
= I
R
= 10 mA; MEASURED
at i
R(REC)
= 1.0 mA)
INPUTSIGNAL
I
F
V
R
LMBD2835LT1G LMBD2836LT1G
10
1.0
0.1
0.01
0.001
010
20
30
40
50
100
10
1.0
0.1
0.2
0.4
0.6
0.8
1.0
1.2
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
V F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
T A= –40°C
TA = 85°C
T A = 25°C
T A =125°C
T A =150°C
T A =85°C
T A =55°C
T A =25°C
1.75
1.50
1.25
1.00
0.75
0
2.0
4.0
6.0
8.0
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
CURVES APPLICABLE TO EACH CATHODE


Similar Part No. - LMBD2835LT3G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
LMBD2835LT3G ZOWIE-LMBD2835LT3G Datasheet
79Kb / 2P
   Monolithic Dual Switching Diode
More results

Similar Description - LMBD2835LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD2837LT1 LRC-MMBD2837LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1G ONSEMI-MMBD2837LT1G_09 Datasheet
127Kb / 4P
   Monolithic Dual Switching Diodes
August, 2009 ??Rev. 6
logo
Leshan Radio Company
LMBD2837LT1 LRC-LMBD2837LT1 Datasheet
114Kb / 3P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1G ONSEMI-MMBD2837LT1G Datasheet
132Kb / 4P
   Monolithic Dual Switching Diodes
October, 2016 ??Rev. 8
logo
Leshan Radio Company
MMBD2835LT1 LRC-MMBD2835LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1 ONSEMI-MMBD2837LT1 Datasheet
49Kb / 4P
   Monolithic Dual Switching Diodes
March, 2005 ??Rev. 5
logo
Motorola, Inc
MMBD6100LT1 MOTOROLA-MMBD6100LT1 Datasheet
78Kb / 4P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2835LT1 ONSEMI-MMBD2835LT1 Datasheet
46Kb / 4P
   Monolithic Dual Switching Diodes
November, 2001 ??Rev. 3
MMBD2835LT1G ONSEMI-MMBD2835LT1G_09 Datasheet
128Kb / 4P
   Monolithic Dual Switching Diodes
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBD2837G ZOWIE-MMBD2837G Datasheet
74Kb / 2P
   Monolithic Dual Switching Diodes
logo
Leshan Radio Company
MMBD6100LT1 LRC-MMBD6100LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com