Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW12NM60N Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW12NM60N
Description  N-channel 600V - 0.35廓 - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW12NM60N Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW12NM60N Datasheet HTML 4Page - STMicroelectronics STW12NM60N Datasheet HTML 5Page - STMicroelectronics STW12NM60N Datasheet HTML 6Page - STMicroelectronics STW12NM60N Datasheet HTML 7Page - STMicroelectronics STW12NM60N Datasheet HTML 8Page - STMicroelectronics STW12NM60N Datasheet HTML 9Page - STMicroelectronics STW12NM60N Datasheet HTML 10Page - STMicroelectronics STW12NM60N Datasheet HTML 11Page - STMicroelectronics STW12NM60N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STB12NM60N/-1 - STF12NM60N - STP12NM60N - STW12NM60N
8/18
Figure 13.
Normalized gate threshold voltage
vs. temperature
Figure 14.
Normalized on resistance vs.
temperature
Figure 15.
Source-drain diode forward
characteristics
Figure 16.
Normalized BVDSS vs. temperature


Similar Part No. - STW12NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW12N120K5 STMICROELECTRONICS-STW12N120K5 Datasheet
812Kb / 21P
   Worldwide best FOM
April 2015 Rev 4
STW12N150K5 STMICROELECTRONICS-STW12N150K5 Datasheet
760Kb / 13P
   Ultra low gate charge
July 2015 Rev 3
logo
Inchange Semiconductor ...
STW12N170 ISC-STW12N170 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW12N170K5 STMICROELECTRONICS-STW12N170K5 Datasheet
485Kb / 14P
   N-channel 1700 V, 2.3 廓 typ., 5 A, MDmesh??K5 Power MOSFET in a TO??47 package
Rev 1 - November 2018
logo
Inchange Semiconductor ...
STW12N170K5 ISC-STW12N170K5 Datasheet
346Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - STW12NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
   N-channel 600V - 0.270廓 - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
499Kb / 18P
   N-channel 650V - 0.25廓 - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
   N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
672Kb / 16P
   N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
STF19NM65N STMICROELECTRONICS-STF19NM65N Datasheet
532Kb / 19P
   N-channel 650 V - 0.25 廓 - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh??Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1 Datasheet
489Kb / 18P
   N-channel 600V - 0.37廓 - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh??Power MOSFET
STP25NM60N STMICROELECTRONICS-STP25NM60N_07 Datasheet
523Kb / 18P
   N-channel 600V - 0.140廓 - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STB23NM60N STMICROELECTRONICS-STB23NM60N Datasheet
554Kb / 19P
   N-channel 600 V - 0.150 廓 - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com