Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G240DCKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G240DCKR
Description  LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G240DCKR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G240DCKR Datasheet HTML 1Page - Texas Instruments SN74AUP1G240DCKR Datasheet HTML 2Page - Texas Instruments SN74AUP1G240DCKR Datasheet HTML 3Page - Texas Instruments SN74AUP1G240DCKR Datasheet HTML 4Page - Texas Instruments SN74AUP1G240DCKR Datasheet HTML 5Page - Texas Instruments SN74AUP1G240DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP1G240DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP1G240DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP1G240DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
DBVPACKAGE
(TOP VIEW)
Seemechanicaldrawingsfordimensions.
5
1
V
CC
OE
2
A
3
4
GND
Y
DCKPACKAGE
(TOP VIEW)
2
A
3
4
GND
V
CC
5
OE
Y
1
YEP OR YZP PACKAGE
(BOTTOMVIEW)
2
A
V
CC
1 5
OE
GND
4
3
Y
DESCRIPTION/ORDERING INFORMATION
AUP
LVC
AUP
AUP
LVC
Static-PowerConsumption
( A)
m
Dynamic-PowerConsumption
(pF)
Single,dual,andtriplegates.
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time-ns
AUP1G08dataatCL =15pF.
Output
Input
SwitchingCharacteristics
at25MHz
SN74AUP1G240
LOW-POWER SINGLE BUFFER/DRIVER
WITH 3-STATE OUTPUT
SCES627A – MARCH 2005 – REVISED AUGUST 2006
Available in the Texas Instruments
Wide Operating V
CC Range of 0.8 V to 3.6 V
NanoStar™ and NanoFree™ Packages
Optimized for 3.3-V Operation
Low Static-Power Consumption
3.6-V I/O Tolerant to Support Mixed-Mode
– I
CC = 0.9 µA Max
Signal Operation
Low Dynamic-Power Consumption
t
pd = 4.1 ns Max at 3.3 V
– C
pd = 4.2 pF at 3.3 V Typ
Suitable for Point-to-Point Applications
Low Input Capacitance
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
– C
I = 1.5 pF Typ
ESD Performance Tested Per JESD 22
Low Noise – Overshoot and Undershoot
<10% of V
CC
– 2000-V Human-Body Model
(A114-B, Class II)
Input-Disable Feature Allows Floating Input
Conditions
– 200-V Machine Model (A115-A)
I
off Supports Partial Power-Down-Mode
– 1000-V Charged-Device Model (C101)
Operation
ESD Protection Exceeds
±5000 V With
Input Hysteresis Allows Slow Input Transition
Human-Body Model
and Better Switching Noise Immunity at the
Input
The AUP family is TI's premier solution to the industry's low power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figure 1 and Figure 2).
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUP1G240DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240DCKR TI-SN74AUP1G240DCKR Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240DCKR TI1-SN74AUP1G240DCKR Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240DCKR TI1-SN74AUP1G240DCKR Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
More results

Similar Description - SN74AUP1G240DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI1-SN74LVC1G240_16 Datasheet
1Mb / 22P
[Old version datasheet]   Single Buffer/Driver With 3-State Output
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com