Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5V512Q Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5V512Q
Description  Low On-Resistance, 5V Wide-Bandwidth 5-port, 2:1 Mux/DeMux VideoSwitch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V512Q Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5V512Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8753A
11/02/04
PI5V512
Low On-Resistance, 5V Wide-Bandwidth
5-port, 2:1 Mux/DeMux VideoSwitch
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
IN = GND or VCC
0.1
3.0
µA
ICC
Supply Current per Input
@ TTL HIGH
VCC = Max.
IN = 3.4V(3)
2.5
mA
ICCD
Supply Current per Input
per MHz(4)
VCC = Max., S1, S2 and D
Pins Open EN = GND
Control Input Toggling 50%
Duty Cycle
0.25
mA/
MHz
Dynamic Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±5%)
Parameters
Description
Test Conditions
Min.
Typ.
Max.
Unit
tON
Turn On Time
RL = 75Ω, CL = 20pF, See Fig. 1
2.5
5
ns
tOFF
Turn Off Time
RL = 75Ω, CL = 20pF, See Fig. 1
1.1
5
BW(1)
-3 dB Bandwidth
See Fig. 2, CL = 0pF
100
550
MHz
XTALK(1)
Crosstalk
10 MHz, See Fig. 2
-90
dB
CIN(1)
Input/Enable Capacitance
VIN = 0V, f = 1 MHz
6
pF
COFF(1)
Capacitance, Switch Off
VIN = 0V, f = 1 MHz
6
CON(1)
Capacitance, Switch On
VIN = 0V, f = 1 MHz
11
OIRR
Off Isolation
10 MHz, See Fig 2
-60
dB
Notes:
1.
This parameter is determined by device characterization but is not production tested.
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2.
Typical values are at VCC = 5.0V, +25°C ambient.
3.
Per TTL driven input (VIN = 3.4V, control inputs only); I0, I1, and Y pins do not contribute to Icc.
4.
This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The
I0, I1, and Y I/O pins generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.


Similar Part No. - PI5V512Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Pericom Semiconductor C...
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQ PERICOM-PI5V330AQ Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQE PERICOM-PI5V330AQE Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results

Similar Description - PI5V512Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V514 PERICOM-PI3V514 Datasheet
309Kb / 9P
   LOW ON RESISTANCE 3.3V HIGH BANDWIDTH 5-PORT 4:1 MUX/DEMUX VIDEOSWITCH
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
   Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI3V341 PERICOM-PI3V341 Datasheet
629Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com