Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5V512Q Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5V512Q
Description  Low On-Resistance, 5V Wide-Bandwidth 5-port, 2:1 Mux/DeMux VideoSwitch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V512Q Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5V512Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5V512Q Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PS8753A
11/02/04
PI5V512
Low On-Resistance, 5V Wide-Bandwidth
5-port, 2:1 Mux/DeMux VideoSwitch
3V
EN
S
D
GND
75
Vcc
Vcc
VOUT
IN
20pF
PI5V512
Figure 1. Switching Time
Digital
Input
Analog
Output
tON
tOFF
50%
90%
50%
90%
Figure 2. Gain/Phase, Crosstalk, Off-Isolation
S1
R1
T1
HP4396
HP11667A
PI5V512
CL


Similar Part No. - PI5V512Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Pericom Semiconductor C...
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQ PERICOM-PI5V330AQ Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQE PERICOM-PI5V330AQE Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results

Similar Description - PI5V512Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V514 PERICOM-PI3V514 Datasheet
309Kb / 9P
   LOW ON RESISTANCE 3.3V HIGH BANDWIDTH 5-PORT 4:1 MUX/DEMUX VIDEOSWITCH
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
   Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI3V341 PERICOM-PI3V341 Datasheet
629Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com