Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72T256220HP-3S-B Datasheet(PDF) 43 Page - Qimonda AG

Part # HYS72T256220HP-3S-B
Description  240-Pin Registered DDR2 SDRAM Modules
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T256220HP-3S-B Datasheet(HTML) 43 Page - Qimonda AG

Back Button HYS72T256220HP-3S-B Datasheet HTML 39Page - Qimonda AG HYS72T256220HP-3S-B Datasheet HTML 40Page - Qimonda AG HYS72T256220HP-3S-B Datasheet HTML 41Page - Qimonda AG HYS72T256220HP-3S-B Datasheet HTML 42Page - Qimonda AG HYS72T256220HP-3S-B Datasheet HTML 43Page - Qimonda AG HYS72T256220HP-3S-B Datasheet HTML 44Page - Qimonda AG HYS72T256220HP-3S-B Datasheet HTML 45Page - Qimonda AG HYS72T256220HP-3S-B Datasheet HTML 46Page - Qimonda AG HYS72T256220HP-3S-B Datasheet HTML 47Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
Internet Data Sheet
Rev. 1.1, 2007-03
43
03292006-EO3M-LEK7
HYS72T[64/128/256]xxxHP–[25F/2.5/3/3S/3.7]–B
240-Pin Registered DDR2 SDRAM
49
T
0 (DT0)
5B5B5B
5B
50
T
2N (DT2N, UDIMM) or ∆T2Q (DT2Q, RDIMM)
34
34
34
34
51
T
2P (DT2P)
36
36
36
36
52
T
3N (DT3N)
2E
2E
2E
2E
53
T
3P.fast (DT3P fast)
5A5A5A
5A
54
T
3P.slow (DT3P slow)
2A2A2A
2A
55
T
4R (DT4R) / ∆T4R4W Sign (DT4R4W)
5A
5A
5A
5A
56
T
5B (DT5B)
22
22
22
22
57
T
7 (DT7)
252525
25
58
Psi(ca) PLL
C4
C4
C4
C4
59
Psi(ca) REG
8C
8C
8C
8C
60
T
PLL (DTPLL)
70
70
70
70
61
T
REG (DTREG) / Toggle Rate
B0
B0
B0
B0
62
SPD Revision
12
12
12
12
63
Checksum of Bytes 0-62
B9
34
BB
37
64
Manufacturer’s JEDEC ID Code (1)
7F
7F
7F
7F
65
Manufacturer’s JEDEC ID Code (2)
7F
7F
7F
7F
66
Manufacturer’s JEDEC ID Code (3)
7F
7F
7F
7F
67
Manufacturer’s JEDEC ID Code (4)
7F
7F
7F
7F
68
Manufacturer’s JEDEC ID Code (5)
7F
7F
7F
7F
69
Manufacturer’s JEDEC ID Code (6)
51
51
51
51
70
Manufacturer’s JEDEC ID Code (7)
00
00
00
00
71
Manufacturer’s JEDEC ID Code (8)
00
00
00
00
72
Module Manufacturer Location
xx
xx
xx
xx
73
Product Type, Char 1
37
37
37
37
74
Product Type, Char 2
32
32
32
32
Product Type
Organization
512MB
1 GByte
1 GByte
2 GByte
×72
×72
×72
×72
1 Rank (
×8)
1 Rank (
×4)
2 Ranks (
×8) 2 Ranks (×4)
Label Code
PC2–
6400P–666
PC2–
6400P–666
PC2–
6400P–666
PC2–
6400P–666
JEDEC SPD Revision
Rev. 1.2
Rev. 1.2
Rev. 1.2
Rev. 1.2
Byte#
Description
HEX
HEX
HEX
HEX


Similar Part No. - HYS72T256220HP-3S-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T256220HP-3S-A QIMONDA-HYS72T256220HP-3S-A Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
More results

Similar Description - HYS72T256220HP-3S-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512341HHP QIMONDA-HYS72T512341HHP Datasheet
1Mb / 32P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T32000HR QIMONDA-HYS72T32000HR Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR QIMONDA-HYS72T64000HR Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com