Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72T512020HR-5-A Datasheet(PDF) 4 Page - Qimonda AG

Part # HYS72T512020HR-5-A
Description  240-Pin Registered-DDR2-SDRAM Modules
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512020HR-5-A Datasheet(HTML) 4 Page - Qimonda AG

  HYS72T512020HR-5-A Datasheet HTML 1Page - Qimonda AG HYS72T512020HR-5-A Datasheet HTML 2Page - Qimonda AG HYS72T512020HR-5-A Datasheet HTML 3Page - Qimonda AG HYS72T512020HR-5-A Datasheet HTML 4Page - Qimonda AG HYS72T512020HR-5-A Datasheet HTML 5Page - Qimonda AG HYS72T512020HR-5-A Datasheet HTML 6Page - Qimonda AG HYS72T512020HR-5-A Datasheet HTML 7Page - Qimonda AG HYS72T512020HR-5-A Datasheet HTML 8Page - Qimonda AG HYS72T512020HR-5-A Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Internet Data Sheet
Rev. 1.11, 2006-09
4
03062006-TZ8J-GNDA
HYS72T512020HR–[3.7/5]–A
Registered DDR2 SDRAM Modules
1.2
Description
The Qimonda HYS72T512020HR–[3.7/5]–A module family
are Registered DIMM modules “RDIMMs” with 50,0 mm
height based on DDR2 technology.
DIMMs are available as ECC modules in 512M x 72
(4 GByte) organization and density, intended for mounting
into 240-Pin connector sockets.The memory array is
designed
with
1-Gbit
Double-Data-Rate-Two
(DDR2)
Synchronous DRAMs. All control and address signals are re-
driven on the DIMM using register devices and a PLL for the
clock distribution. This reduces capacitive loading to the
system bus, but adds one cycle to the SDRAM timing.
Decoupling capacitors are mounted on the PCB board. The
DIMMs feature serial presence detect based on a serial
E2PROM device using the 2-pin I2C protocol. The first
128 bytes are programmed with configuration data and the
second 128 bytes are available to the customer.
TABLE 2
Ordering Information for RoHS Compliant Products
TABLE 3
Address Format
TABLE 4
Components on Modules
Product Type1)
1) All part numbers end with a place code, designating the silicon die revision. Example: HYS72T512020HR–5–A, indicating Rev. “A” dies
are used for DDR2 SDRAM components. For all Qimonda DDR2 module and component nomenclature see Chapter 6 of this data sheet.
Compliance Code2)
2) The Compliance Code is printed on the module label and describes the speed grade, for example “PC2–4200R–444–11–ZZ”, where
4200R means Registered DIMM modules with 4.26 GB/sec Module Bandwidth and “444-11” means Column Address Strobe (CAS) latency
= 4, Row Column Delay (RCD) latency = 4 and Row Precharge (RP) latency = 4 using the latest JEDEC SPD Revision 1.1 and produced
on the Raw Card “ZZ”
Description
SDRAM Technology
PC2–4200
HYS72T512020HR–3.7–A
4 GB 2R
×4 PC2–4200R–444–11–ZZ
2 Ranks, ECC
1 Gbit (
×4)
PC2-3200
HYS72T512020HR–5–A
4 GB 2R
×4 PC2–3200R–333–11–ZZ
2 Ranks, ECC
1 Gbit (
×4)
DIMM
Density
Module
Organization
Memory
Ranks
ECC/
Non-ECC
# of
SDRAMs
# of row/bank/columns bits
Raw Card
4 GB
512M
× 72
2
ECC
36
14/3/11
ZZ
Product Type1)
1) Green Product
DRAM Components1)
DRAM Density
DRAM Organization
Note 2)
2) For a detailed description of all available functions of the DRAM components on these modules see the component data sheet.
HYS72T512020HR
HYB18T1G400AF
1 Gbit
256M
× 4


Similar Part No. - HYS72T512020HR-5-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T512022EP QIMONDA-HYS72T512022EP Datasheet
1Mb / 36P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
HYS72T512022EP-3.7-B QIMONDA-HYS72T512022EP-3.7-B Datasheet
1Mb / 36P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
HYS72T512022EP-3S-B QIMONDA-HYS72T512022EP-3S-B Datasheet
1Mb / 36P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
HYS72T512022ER QIMONDA-HYS72T512022ER Datasheet
1Mb / 36P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
More results

Similar Description - HYS72T512020HR-5-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512341HHP QIMONDA-HYS72T512341HHP Datasheet
1Mb / 32P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T32000HR QIMONDA-HYS72T32000HR Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR QIMONDA-HYS72T64000HR Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com