Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72T512341HKP Datasheet(PDF) 3 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 3 Page - Qimonda AG

  HYS72T512341HKP Datasheet HTML 1Page - Qimonda AG HYS72T512341HKP Datasheet HTML 2Page - Qimonda AG HYS72T512341HKP Datasheet HTML 3Page - Qimonda AG HYS72T512341HKP Datasheet HTML 4Page - Qimonda AG HYS72T512341HKP Datasheet HTML 5Page - Qimonda AG HYS72T512341HKP Datasheet HTML 6Page - Qimonda AG HYS72T512341HKP Datasheet HTML 7Page - Qimonda AG HYS72T512341HKP Datasheet HTML 8Page - Qimonda AG HYS72T512341HKP Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
3
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
1Overview
This chapter gives an overview of the 1.8 V 240-Pin Registered DDR2 SDRAM Modules product family and describes its main
characteristics.
1.1
Features
• 240-pin PC2–4200 and PC2–3200 DDR2 SDRAM
memory modules.
• Four rank 512M
×72 module organization, and 512M ×4
chip organization
• Registered DIMM Parity bit for address and control bus
• 4 GB module built with 512 Mbit DDR2 SDRAMs in SG-
A4FBGA-60 and PG-A4FBGA-60 chipsize packages.
• Standard Double-Data-Rate-Two Synchronous DRAMs
(DDR2 SDRAM) with a single + 1.8 V (± 0.1 V) power
supply
• Programmable CAS Latencies (3, 4, 5),
Burst Length (4 & 8) and Burst Type
• Auto Refresh (CBR) and Self Refresh
• Programmable self refresh rate via EMRS2 setting
• Programmable partial array refresh via EMRS2 settings
• DCC enabling via EMRS2 setting
• All inputs and outputs SSTL_18 compatible
• Off-Chip Driver Impedance Adjustment (OCD) and On-Die
Termination (ODT)
• Serial Presence Detect with E2PROM
• RDIMM Dimensions (nominal): 18,30 mm high, 133.35
mm wide
• All speed grades faster than DDR2–400 comply with
DDR2–400 timing specifications.
• RoHS compliant products1)
TABLE 1
Performance Table
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
Product Type Speed Code
–3.7
–5
Unit
Speed Grade
PC2–4200 4–4–4
PC2–3200 3–3–3
Max. Clock Frequency
@CL5
f
CK5
266
200
MHz
@CL4
f
CK4
266
200
MHz
@CL3
f
CK3
200
200
MHz
Min. RAS-CAS-Delay
t
RCD
15
15
ns
Min. Row Precharge Time
t
RP
15
15
ns
Min. Row Active Time
t
RAS
45
40
ns
Min. Row Cycle Time
t
RC
60
55
ns


Similar Part No. - HYS72T512341HKP

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T512020HR-3.7-A QIMONDA-HYS72T512020HR-3.7-A Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T512020HR-5-A QIMONDA-HYS72T512020HR-5-A Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T512022EP QIMONDA-HYS72T512022EP Datasheet
1Mb / 36P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
HYS72T512022EP-3.7-B QIMONDA-HYS72T512022EP-3.7-B Datasheet
1Mb / 36P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
More results

Similar Description - HYS72T512341HKP

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T32000HR QIMONDA-HYS72T32000HR Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR QIMONDA-HYS72T64000HR Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com